Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1153 Datasheet(PDF) 3 Page - ams AG

Part # AS1153
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153 Datasheet(HTML) 3 Page - ams AG

  AS1153 Datasheet HTML 1Page - ams AG AS1153 Datasheet HTML 2Page - ams AG AS1153 Datasheet HTML 3Page - ams AG AS1153 Datasheet HTML 4Page - ams AG AS1153 Datasheet HTML 5Page - ams AG AS1153 Datasheet HTML 6Page - ams AG AS1153 Datasheet HTML 7Page - ams AG AS1153 Datasheet HTML 8Page - ams AG AS1153 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
3 - 16
AS1153, AS1157
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
VCC to GND
-0.3
5.0
V
INx+, INx- to GND
-0.3
5.0
V
OUTx+, OUTx- to GND
-0.3
Vcc + 0.3
V
Electrostatic Discharge
Electrostatic Discharge HBM
+/- 4
kV
Norm: MIL 883 E method 3015, INx+, INx-
Temperature Ranges and Storage Conditions
Thermal Resistance
ΘJA
128
ºC/W
Typical 4-layer application
Junction Temperature
+150
ºC
Storage Temperature Range
-55
+125
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020“Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level
1
Represents a max. floor life time of unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com