Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3613 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3613
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3613 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3613 Datasheet HTML 8Page - Linear Technology LTC3613 Datasheet HTML 9Page - Linear Technology LTC3613 Datasheet HTML 10Page - Linear Technology LTC3613 Datasheet HTML 11Page - Linear Technology LTC3613 Datasheet HTML 12Page - Linear Technology LTC3613 Datasheet HTML 13Page - Linear Technology LTC3613 Datasheet HTML 14Page - Linear Technology LTC3613 Datasheet HTML 15Page - Linear Technology LTC3613 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTC3613
12
3613fa
OPERATION
When the RUN pin is pulled low to disable the controller or
when INTVCC drops below its undervoltage lockout thresh-
old of 3.65V, the TRACK/SS pin is pulled low internally.
Light Load Current Operation
When the DC load current is less than 1/2 of the peak-
to-peak inductor current ripple, the inductor current can
drop to zero or become negative. If the MODE/PLLIN pin
is connected to SGND, the LTC3613 will transition into
discontinuous mode operation (also called pulse-skipping
mode), where a current reversal comparator, IREV, detects
and prevents negative inductor current by shutting off the
bottom MOSFET, MB. In this mode, both switches remain
off with the output capacitor supplying the load current.
As the output capacitor discharges and the output volt-
age droops lower, the EA will eventually move the ITH
voltage above the zero current level to initiate another
switching cycle.
If the MODE/PLLIN pin is tied to INTVCC or an external
clock is applied to MODE/PLLIN, the LTC3613 will be forced
to operate in continuous mode (forced continuous mode)
and not transition into discontinuous mode. In this case
the current reversal comparator, IREV, is disabled, allowing
the inductor current to become negative and thus maintain
constant frequency operation.
Frequency Selection and External Clock
Synchronization
The steady-state switching frequency of the LTC3613 is
set by an internal oscillator. The frequency of this internal
oscillator can be programmed from 200kHz to 1MHz by
connecting a resistor from the RT pin to SGND. The RT
pin is forced to 1.2V internally. A phase-locked loop (PLL)
system synchronizes the turn-on of the switching cycle to
this internal oscillator when no external clock is provided.
For applications with stringent frequency or interfer-
ence requirements, an external clock source connected
to the MODE/PLLIN pin can be used to synchronize the
switching cycle turn-on to the rising edge of the clock.
The LTC3613 operates in forced continuous mode when
it is synchronized to the external clock. The external clock
frequency has to be within ±30% of the internal oscillator
frequency for successful synchronization and the clock
input levels should be greater than 2V for HI and less
than 0.5V for LO. The MODE/PLLIN pin has an internal
600kΩ pull-down resistor.
Power Good and Fault Protection
The power good pin, PGOOD, is connected internally to an
open-drain N-channel MOSFET. An external pull-up resistor
to a voltage supply of up to 6V (or INTVCC) completes the
power good detection scheme. Overvoltage and undervolt-
age comparators OV and UV turn on the MOSFET and pull
the PGOOD pin low when the differential feedback voltage
is outside a ±7.5% window of the 0.6V reference voltage.
The PGOOD pin is also pulled low when the LTC3613 is
in the soft-start or tracking phase, when in undervoltage
lockout, or when the RUN pin is low (shut down).
When the differential feedback voltage is within the ±7.5%
requirement, the open-drain NMOS is turned off and the
pin is pulled up by an external resistor. There is an internal
delay of 10μs before the PGOOD pin will indicate power
good once the differential feedback voltage is within the
±7.5% window. When the feedback voltage goes out of
the ±7.5% window, there is an internal 20μs delay before
PGOOD is pulled low. In an overvoltage condition, MT is
turned off and MB is turned on immediately without any
delay and held on until the overvoltage condition clears.
Foldback current limiting is provided if the output is shorted
to ground. As the differential feedback voltage drops, the
current threshold voltage on the ITH pin is pulled down
and clamped to 1.2V. This reduces the inductor valley
current level to one-fourth of its maximum value as the
differential feedback approaches 0V. Foldback current
limiting is disabled at start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com