Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3613 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3613
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3613 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3613 Datasheet HTML 15Page - Linear Technology LTC3613 Datasheet HTML 16Page - Linear Technology LTC3613 Datasheet HTML 17Page - Linear Technology LTC3613 Datasheet HTML 18Page - Linear Technology LTC3613 Datasheet HTML 19Page - Linear Technology LTC3613 Datasheet HTML 20Page - Linear Technology LTC3613 Datasheet HTML 21Page - Linear Technology LTC3613 Datasheet HTML 22Page - Linear Technology LTC3613 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LTC3613
19
3613fa
Top MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor, CB,connectedtotheBOOST
pin supplies the gate drive voltage for the topside MOSFET.
This capacitor is charged through diode DB from INTVCC
when the switch node is low. When the top MOSFET turns
on, the switch node rises to VIN and the BOOST pin rises to
approximately PVIN + INTVCC. The boost capacitor needs to
store approximately 100 times the gate charge required by
the top MOSFET. In most applications a 0.1μF to 0.47μF, X5R
or X7R dielectric capacitor is adequate. It is recommended
that the BOOST capacitor be no larger than 10% of the
INTVCC capacitor, CVCC, to ensure that the CVCC can supply
the upper MOSFET gate charge and BOOST capacitor under
all operating conditions. Variable frequency in response
to load steps offers superior transient performance but
requires higher instantaneous gate drive. Gate charge
demands are greatest in high frequency low duty factor
applications under high dI/dt load steps and at start-up.
In order to minimize SW node ringing and EMI, connect a
5Ω to 10Ω resistor in series with the BOOST pin. Make the
CB and DB connections on the other side of the resistor. This
series resistor helps to slow down the SW node rise time,
limiting the high dI/dt current through the top MOSFET that
causes SW node ringing.
INTVCC Regulator and EXTVCC Power
The LTC3613 features a PMOS low dropout linear regulator
(LDO) that supplies power to INTVCC from the SVIN supply.
INTVCC powers much of the LTC3613’s internal circuitry.
The LDO regulates the voltage at the INTVCC pin to 5.3V.
The LDO can supply a maximum current of 50mARMS and
must be bypassed to ground with a minimum of 4.7μF
ceramic capacitor. Good bypassing is needed to supply
the high transient currents required by the power MOSFET
gate drivers.
APPLICATIONS INFORMATION
When the voltage applied to EXTVCC pin rises above 4.6V,
the INTVCC LDO is turned off and the EXTVCC is connected
to INTVCC with an internal switch. This switch remains on
as long as the voltage applied to EXTVCC remains above
4.4V. Using the EXTVCC allows the MOSFET driver and
control power to be derived from the LTC3613’s switching
regulator output during normal operation and from the
LDO when the output is out of regulation (e.g., start-up,
short circuit). If more than 50mARMS current is required
through EXTVCC, then an external Schottky diode can be
added between the EXTVCC and INTVCC pins. Do not apply
more than 6V to the EXTVCC pin and make sure that this
external voltage source is less than SVIN.
Significant efficiency and thermal gains can be realized
by powering INTVCC from the switching regulator output,
since the VIN current resulting from the driver and control
currents will be scaled by a factor of (Duty Cycle)/(Switcher
Efficiency).
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC left open (or grounded). This will cause INTVCC
to be powered from the internal 5.3V LDO resulting
in an efficiency penalty of up to 10% at high input
voltages.
2. EXTVCCconnecteddirectlytoswitchingregulatoroutput
VOUT > 4.6V. This provides the highest efficiency.
3. EXTVCC connected to an external supply. If a 4.6V or
greater external supply is available, it may be used to
power EXTVCC provided that the external supply is suf-
ficient enough for MOSFET gate drive requirements.
4. EXTVCC connected to an output-derived boost network.
For 3.3V and other low voltage converters, efficiency
gains can still be realized by connecting EXTVCC to an
output-derived voltage that has been boosted to greater
than 4.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com