Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3613 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3613
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3613 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3613 Datasheet HTML 18Page - Linear Technology LTC3613 Datasheet HTML 19Page - Linear Technology LTC3613 Datasheet HTML 20Page - Linear Technology LTC3613 Datasheet HTML 21Page - Linear Technology LTC3613 Datasheet HTML 22Page - Linear Technology LTC3613 Datasheet HTML 23Page - Linear Technology LTC3613 Datasheet HTML 24Page - Linear Technology LTC3613 Datasheet HTML 25Page - Linear Technology LTC3613 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC3613
22
3613fa
APPLICATIONS INFORMATION
calculated on-time (see Efficiency Considerations). For
these circumstances, the voltage on the VOUT pin can
be programmed with a resistive divider from INTVCC or
from the regulator’s output itself. Note that there is a 500k
nominal resistance looking into the VOUT pin.
The PLL adjusted on-time achieved after phase locking is
the steady-state on-time required by the switching regula-
tor, and if the VOUT programmed on-time is substantially
equal to this steady-state on-time, then the PLL system
does not have to use its ±30% frequency lock range for
systematic corrections. Instead the lock range can be used
to correct for component variations or other operating point
conditions. If needed, the VOUT pin can be programmed to
achieve the steady-state on-time as required by the applica-
tion and therefore maintain constant frequency operation.
If the application requires very low on-times approaching
minimum on-time, the PLL system may not be able to
maintain a ±30% synchronization range. In fact, there is
a possibility of losing phase/frequency lock at minimum
on-time, and definitely losing phase/frequency lock for
applications requiring less than minimum on-time. This
is discussed further under Minimum On-Time, Minimum
Off-Time and Dropout Operation.
LOSES PHASE
LOCK DUE
TO FAST
LOAD STEP
ESTABLISHES
FREQUENCY
LOCK SOON
ESTABLISHES
PHASE LOCK
AFTER ~600μs
ESTABLISHES
FREQUENCY
LOCK SOON
3613 F08
PHASE LOCKED
ILOAD
CLOCK
INPUT
SW
VOUT
LOSES PHASE
LOCK DUE TO
FAST LOAD
RELEASE
Figure 8. Phase and Frequency Locking Behavior During Transient Load Conditions
During dynamic transient conditions either in the line or
load (e.g., load step or release), the LTC3613 may lose
phase and frequency lock in the process of achieving
faster transient response. For large slew rates (e.g., 10A/
μs), phase and frequency lock will be lost (see Figure 8)
until the system returns back to a steady-state condition
at which point the device will resume frequency lock and
eventually achieve phase lock to the external clock. For
relatively small slew rates (10A/s), phase and frequency
lock can still be maintained.
For light loading conditions, the phase and frequency
synchronization will be active if there is a clock input ap-
plied. If there is no clock input during light loading, then
the switching frequency is based on what the MODE/PLLIN
pin is tied to. When MODE/PLLIN is tied to INTVCC, the
LTC3613 will operate in forced continuous mode at the RT
programmed free-running frequency. When MODE/PLLIN
pin is tied to signal ground, the LTC3613 will operate in
pulse-skipping discontinuous conduction mode for light
loading and will switch to continuous conduction (at the
free-running frequency) for normal and heavy loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com