Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TNETA1570 Datasheet(PDF) 42 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 38Page - Texas Instruments TNETA1570 Datasheet HTML 39Page - Texas Instruments TNETA1570 Datasheet HTML 40Page - Texas Instruments TNETA1570 Datasheet HTML 41Page - Texas Instruments TNETA1570 Datasheet HTML 42Page - Texas Instruments TNETA1570 Datasheet HTML 43Page - Texas Instruments TNETA1570 Datasheet HTML 44Page - Texas Instruments TNETA1570 Datasheet HTML 45Page - Texas Instruments TNETA1570 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
42
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
receive data buffers (continued)
The descriptor entry contains four 32-bit words:
ENTRY
DESCRIPTION
Word 0
Reserved
Word 1
Control field, start-of-next-buffer pointer
Word 2
4-byte ATM header
Word 3
User defined
The definitions of the fields inside each word are:
word 0
Reserved (bits 31 − 0)
This word is not used by the TNETA1570 and reserved for future revisions of the TNETA1570.
word 1
Control (bits 31−30)
Start of Next RX Data-Buffer Pointer (bits 29−0)
start of packet (bit 31)
This bit is set by the TNETA1570 to indicate that this is the first buffer in the received packet.
end of packet (bit 30)
This bit is set by the TNETA1570 to indicate that this is the last buffer in the received packet.
start of next RX data-buffer pointer (bits 29 −0)
This word provides the location of the next data-buffer in the data-buffer chain. If this is the last data-buffer in
the chain, this word is zero (0). This pointer is set by the TNETA1570.
word 2
ATM Header Byte 1
ATM Header Byte 2
ATM Header Byte 3
ATM Header Byte 4
This word contains the first four header bytes from the ATM packet undergoing reassembly.
word 3
User Defined (bits 31 − 0)
user defined (bits 31 −0)
This field is not overwritten by the TNETA1570 and is available for use by the user.
receive completion rings
Addressing
In host memory. The entries are addressed using the RX completion-ring pointers.
Size: set in the RX
completion-ring-size registers
Max logical entries: 1024
Max 32-bit words: 8192
Min logical entries: 1
Min 32-bit words: 8
The TNETA1570 provides support for two RX completion rings that reside in host memory: the receive completion
ring with interrupt and the receive completion ring without interrupt. The difference between the rings is that when
an entry is posted to the receive completion ring with interrupt an interrupt is generated, and when an entry is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com