Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TNETA1570 Datasheet(PDF) 56 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 52Page - Texas Instruments TNETA1570 Datasheet HTML 53Page - Texas Instruments TNETA1570 Datasheet HTML 54Page - Texas Instruments TNETA1570 Datasheet HTML 55Page - Texas Instruments TNETA1570 Datasheet HTML 56Page - Texas Instruments TNETA1570 Datasheet HTML 57Page - Texas Instruments TNETA1570 Datasheet HTML 58Page - Texas Instruments TNETA1570 Datasheet HTML 59Page - Texas Instruments TNETA1570 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
64-bit PCI cell-payload reads
The top-down order of the following chart represents the time order of 64-bit word reads by the TNETA1570.
PCI ADDRESS
PCI ADDRESS BITS
63
56
55
48
47
40
39
32
31
24
23
16
15
8
7
0
0
×10
7
6
6
4
3
2
1
0
0
×18
15
14
14
12
11
10
9
8
0
×20
23
22
22
20
19
18
17
16
The cell data above is transmitted from the segmentation unit’s UTOPIA bus in the byte order 0, 2, 3, 4, 5, 6,
7, 8, 9 . . .
big-endian configuration
There are two scenarios for TNETA1570 cell-payload PCI reads from the host memory when the TNETA1570
is configured as a big-endian device. These are 32-bit PCI cell-payload reads and 64-bit PCI cell-payload reads.
32-bit PCI cell-payload reads
The top-down order of the following chart represents the time order of 32-bit word reads by the TNETA1570.
PCI ADDRESS
PCI ADDRESS BITS
31
24
23
16
15
8
7
0
0
×10
0
1
2
3
0
×14
4
5
6
7
0
×18
8
9
10
11
The cell data above is transmitted from the segmentation unit’s UTOPIA bus in the byte order 0, 1, 2, 3, 4, 5, . . .
64-bit PCI cell-payload reads
The following table shows the PCI bus byte/address ordering when cell-payload bytes are input to the
reassembly UTOPIA port in order 0, 1, 2, 3, 4, 5, 6, 7, 8, 9 . . .
The top-down order of the following chart represents the time order of 64-bit word reads by the TNETA1570.
PCI ADDRESS
PCI ADDRESS BITS
63
56
55
48
47
40
39
32
31
24
23
16
15
8
7
0
0
×10
4
5
6
7
0
1
2
3
0
×18
12
13
14
15
8
9
10
11
0
×20
20
21
22
23
16
17
18
19
The cell data above is transmitted from the segmentation unit’s UTOPIA bus in the byte order 0, 1, 2, 3, 4, 5,
6, 7, 8, 9 . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com