Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC4530EVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4530EVB
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530EVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4530EVB Datasheet HTML 2Page - Semtech Corporation SC4530EVB Datasheet HTML 3Page - Semtech Corporation SC4530EVB Datasheet HTML 4Page - Semtech Corporation SC4530EVB Datasheet HTML 5Page - Semtech Corporation SC4530EVB Datasheet HTML 6Page - Semtech Corporation SC4530EVB Datasheet HTML 7Page - Semtech Corporation SC4530EVB Datasheet HTML 8Page - Semtech Corporation SC4530EVB Datasheet HTML 9Page - Semtech Corporation SC4530EVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
Peak and Valley Current DC
Thresholds vs Temperature(1)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-50
-25
0
25
50
75
100 125
Temperature (oC)
VBST = 15V
VIN = 10V
Valley
Peak
VFB = 0
SC4530
Switch Saturation Voltage
vs Switch Current
0
100
200
300
400
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Switch Current (A)
VIN = 10V
VBST = 15V
125oC
-55oC
25oC
BST Pin Current vs Switch Current
0
5
10
15
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Switch Current (A)
VIN = 10V
VBST = 15V
25oC
-55oC
125oC
Typical Characteristics
Minimum Off Time vs Temperature
400
450
500
550
600
650
700
-50
-25
0
25
50
75
100 125
Temperature (oC)
VBST = 15V
VIN = 10V
Maximum On Time vs Temperature
10
11
12
13
14
15
-50
-25
0
25
50
75
100 125
Temperature (oC)
VBST = 15V
VIN = 10V
Minimum Bootstrap
Voltage vs Temperature
1.2
1.4
1.6
1.8
2.0
2.2
-50
-25
0
25
50
75
100 125
Temperature (oC)
ISW = -0.39A
Notes:
() Circuit propagation delays and the error amplifier output voltage ripples may cause the actual inductor valley current to differ from its DC value.
Efficiency vs Load Current
VOUT = 3.3V
30
40
50
60
70
80
90
0.1
1.0
10.0
100.0
1000.0
Load Current (mA)
VIN = 5V
VIN = 24V
VIN = 12V
Coilcraft
LPS4018-333ML
Efficiency vs Load Current
VOUT = 2.5V
30
40
50
60
70
80
90
0.1
1.0
10.0
100.0
1000.0
Load Current (mA)
VIN = 5V
VIN = 24V
VIN = 12V
Coilcraft
LPS4018-333ML
Feedback Voltage vs Temperature
1.20
1.21
1.22
1.23
1.24
-50
-25
0
25
50
75
100 125
Temperature(oC)
VIN = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com