Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC4530EVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4530EVB
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530EVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4530EVB Datasheet HTML 6Page - Semtech Corporation SC4530EVB Datasheet HTML 7Page - Semtech Corporation SC4530EVB Datasheet HTML 8Page - Semtech Corporation SC4530EVB Datasheet HTML 9Page - Semtech Corporation SC4530EVB Datasheet HTML 10Page - Semtech Corporation SC4530EVB Datasheet HTML 11Page - Semtech Corporation SC4530EVB Datasheet HTML 12Page - Semtech Corporation SC4530EVB Datasheet HTML 13Page - Semtech Corporation SC4530EVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
0
Applications Information (Continued)
SC4530
For a given V
IN and inductance L, the continuous-
conduction switching frequency is:
L
CESAT
D
IN
CESAT
OUT
IN
D
OUT
L
D
OUT
I
)
V
V
V
(
L
)
V
V
V
)(
V
V
(
I
L
)
D
1
)(
V
V
(
f
(6)
The minimum inductance is first found using Equation
(5). Next the switching frequencies are estimated at V
IN
extremes using Equation (6). The inductance is then
adjusted for achieving desired switching frequency. The
resulting switch on-time at the maximum V
IN must exceed
the minimum controllable switch on-time, which can be
as high as 80ns. This prevents the inductor current from
running away when the output is shorted to ground.
Example: Select the inductor for a 3.3V output regulator,
with input voltage ranging from 0V to 26V. The desired
switching frequency is about 600kHz.
The minimum inductance is found using Equation (5):
H
22
15
.
0
5
.
1
53
.
0
)
6
.
0
3
.
3
(
L
MIN
Duty cycles and switching frequencies at the input
voltage extremes can be found using Equations (3) and (6)
respectively. The results for 22mH and 33mH are tabulated
(Table ).
Table 1. Estimated Switching Frequencies for 3.3V Output
Input Voltage
V
IN (V)
Duty Cycle
D (%)
Switching Frequency
f (kHz)
L = 22µH
L = 33µH
0
37.7
740
490
26
4.8
000
670
The 33mH inductance will be chosen, as it gives the desired
switching frequency range.
The resulting switch on-time is checked against the
minimum controllable switch on-time. The switch on-
time can be calculated using Equation (7) below:
OUT
CESAT
IN
L
ON
V
V
V
I
L
t
(7)
With L = 33µH, the switch on-time at 0V and 26V V
IN are
770ns and 220ns respectively, above the 80ns minimum
controllable on-time.
Table 2 lists some recommended inductor values for
various output voltages.
Table 2. Recommended Inductor Values
Output Voltage
V
OUT (V)
Inductor Value (µH)
V
IN = 6 V
V
IN = 30 V
.8
22
47
2.5
22
33
3.3
22
33
5.0
33
33
2
68
68
8
-
00
The saturation current of the inductor should be at least
20%~30% higher than the peak inductor current. Low-
cost inductors with powder iron cores are not suitable for
high-frequency switching due to their high core losses.
Inductors with ferrite cores are recommended.
Input Capacitor Selection
A step-down regulator draws pulse current from the input
power supply. A capacitor placed between the supply and
the converter filters the AC current and keeps the current
drawn from the supply to a DC constant. The input
capacitance should be high enough to filter the pulse
input current. Its equivalent series resistance (ESR) should
be low so that power dissipated in the capacitor does
not result in significant temperature rise and degrade
reliability.
Multi-layer ceramic capacitors, which have very low ESR
(a few mW) and can easily handle high RMS ripple current,
are the ideal choice. A single 4.7µF (X5R or X7R) ceramic
capacitor should be enough for most applications. Using
a larger capacitor (for example, 0µF) will reduce SW
node jitters if the minimum input voltage is less than 0.7V
above the output voltage. For applications with high input
voltage, a small (µF ~ 2.2µF) ceramic capacitor can be
placed in parallel with a low ESR electrolytic capacitor to
satisfy both the ESR and bulk capacitance requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com