Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC4530EVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4530EVB
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530EVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4530EVB Datasheet HTML 5Page - Semtech Corporation SC4530EVB Datasheet HTML 6Page - Semtech Corporation SC4530EVB Datasheet HTML 7Page - Semtech Corporation SC4530EVB Datasheet HTML 8Page - Semtech Corporation SC4530EVB Datasheet HTML 9Page - Semtech Corporation SC4530EVB Datasheet HTML 10Page - Semtech Corporation SC4530EVB Datasheet HTML 11Page - Semtech Corporation SC4530EVB Datasheet HTML 12Page - Semtech Corporation SC4530EVB Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Applications Information
SC4530
Setting the Output Voltage
Figure 3. R
1 and R2 Set the Output Voltage
The SC4530 output voltage is programmed using a
resistive divider (Figure 3) with its center tap tied to the
FB pin. For a given R
2, R can be determined:
1
232
.
1
V
R
R
OUT
2
1
()
The percentage error due to the input bias current of the
error amplifier is:
V
232
.
1
)
R
R
(
100
nA
20
V
V
2
1
OUT
OUT
(2)
Example: Determine the output voltage error caused by
the amplifier input bias current in a 5V output converter.
Assuming R
2 = 200kW and using Equations () and (2),
k
619
1
232
.
1
5
k
200
R
1
%
25
.
0
V
232
.
1
)
k
619
k
200
(
100
nA
20
V
V
OUT
OUT
Using large R
 and R2 helps in maintaining light-load
efficiency, since the current drawn by the feedback
resistive divider is not delivered to the converter output.
The simple calculation above shows that relatively large
R
 and R2 can be used without introducing more error
than that resulting from the tolerance of the standard %
resistors.
Maximum Duty Cycle Limitation
The SC4530 is a non-synchronous, step-down switching
regulator. Its duty cycle in continuous-conduction
R2
R1
20nA
FB
SC4530
VOUT
R2
R1
20nA
FB
SC4530
VOUT
mode (CCM) primarily depends on the input and output
voltages:
CESAT
D
IN
D
OUT
V
V
V
V
V
D
(3)
where V
CESAT = 0.25V is the switch saturation voltage and
V
D = 0.6V is the forward voltage drop of the freewheeling
diode.
Whenever the power switch is turned off, it is kept off for
at least 530ns. Moreover, the control circuit prevents the
power transistor from turning on for more than 3.5ms.
The inductor current pulls the SW node low as the power
switch turns off, allowing the inductor current to charge
the bootstrap capacitor. The maximum on-time ensures
that the bootstrap capacitor gets replenished after a
long switch-on interval. The minimum off-time, together
with the maximum on-time, put an upper limit on the
achievable duty cycle (≈ 0.96). From Equation (3), the
minimum V
IN to avoid dropout is:
D
CESAT
D
OUT
)
MIN
(
IN
V
V
96
.
0
V
V
V
(4)
If V
IN falls below this minimum, then the regulator will not
be able to attain its set output voltage regardless load.
Using Equation (4), the input supply voltage must be at
least 5.5V in order to generate a 5V output.
Inductor Selection
The SC4530 uses a hysteretic current-mode control
topology. The peak-to-peak inductor ripple current, ∆I
L,
is theoretically constant. However, propagation delays
of the current comparators (IPK and IVLY in Figure 2), as
well as the error amplifier (EA) output ripples, will cause
the actual inductor ripple current to vary depending on
the input voltage and the duty cycle. The inductor should
be chosen so that the valley current comparator, not the
minimum off-time, determines the switch turn-on instant.
To simplify inductance calculation, we will assume that
∆I
L is constant and equal to 50mA. Furthermore, we will
use .5 times the typical t
OFF(MIN), to allow for tolerance and
temperature variation.
L
)
MIN
(
OFF
D
OUT
MIN
I
t
5
.
1
V
V
L
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com