Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST802RT1B Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 19Page - STMicroelectronics ST802RT1B Datasheet HTML 20Page - STMicroelectronics ST802RT1B Datasheet HTML 21Page - STMicroelectronics ST802RT1B Datasheet HTML 22Page - STMicroelectronics ST802RT1B Datasheet HTML 23Page - STMicroelectronics ST802RT1B Datasheet HTML 24Page - STMicroelectronics ST802RT1B Datasheet HTML 25Page - STMicroelectronics ST802RT1B Datasheet HTML 26Page - STMicroelectronics ST802RT1B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
23/58
Next page: The ST802RT1x supports next page capability.
Reserved: Ignore output when read.
Remote fault: Writing a “1” to bit 13 of the advertisement register causes a remote fault
indicator to be sent to the link partner during auto-negotiation. Writing a “0” to this bit or
resetting the chip clears the remote fault transmission bit. This bit returns the value last
written to it, or else “0” if no write has been completed since the last chip reset.
Asymmetric pause: write '1' if asymmetric pause is supported by MAC when full-duplex link
is available. 1 = Advertise that the DTE (MAC) has implemented both the optional MAC
control sub layer and the pause function as specified in clause 31 and annex 31B of 802.3u.
0 = No MAC based full-duplex flow control.
Pause: The use of this bit is independent of the negotiated data rate, medium, or link
technology. The setting of this bit indicates the availability of additional DTE capability when
full-duplex operation is in use. This bit is used by one MAC to communicate symmetric
pause capability to its link partner, and has no effect on PHY operation.
Advertisement bits: Bits 9:5 of the advertisement register allow the user to customize the
ability information transmitted to the link partner. The default value for each bit reflects the
abilities of the ST802RT1x. By writing a “1” to any of the bits, the corresponding ability is
transmitted to the link partner. Writing a “0” to any bit causes the corresponding ability to be
Table 14.
RN04 [0d04, 0x04]: Auto-negotiation advertisement register
Bit
Bit name
Description
Default
RW
type
Type
15
Next Page
1 -> Next page transfer supported
0 -> Next page transfer not supported
0RW
-
14
RESERVED
---
0
P
13
Remote Fault
1 -> Advertises that this device has detected a remote fault
during auto-negotiation
0 -> No remote fault detected.
0RW
-
12
RESERVED
---
0
-
11
Asymmetric
Pause (full-
duplex)
1 -> Asymmetric pause supported (MAC level)
0 -> No MAC based full-duplex flow control.
0RW
-
10
Pause (full-
duplex)
1 -> Symmetric pause supported (MAC level)
0 -> No MAC based full-duplex flow control.
1RW
-
9
100BASE-T4
0 -> 100BASE-T4 not supported
0
RW
-
8
100BASE-TX
full duplex
1 -> 100BASE-TX Full-duplex is supported by the local device
0 -> 100BASE-TX Full-duplex is not supported
Strap
RW
-
7
100BASE-TX
1 -> 100BASE-TX is supported by the local device
0 -> 100BASE-TX is not supported
Strap
RW
-
6
10BASE-T full
duplex
1 -> 10BASE-T Full-duplex is supported by the local device
0 -> 10BASE-T Full-duplex is not supported
Strap
RW
-
5
10BASE-T
1 -> 10BASE-T is supported by the local device
0 -> 10BASE-T is not supported
Strap
RW
-
4:0
Selector
00001 -> IEEE802.3u
00001b
RW
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com