Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST802RT1B Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 32Page - STMicroelectronics ST802RT1B Datasheet HTML 33Page - STMicroelectronics ST802RT1B Datasheet HTML 34Page - STMicroelectronics ST802RT1B Datasheet HTML 35Page - STMicroelectronics ST802RT1B Datasheet HTML 36Page - STMicroelectronics ST802RT1B Datasheet HTML 37Page - STMicroelectronics ST802RT1B Datasheet HTML 38Page - STMicroelectronics ST802RT1B Datasheet HTML 39Page - STMicroelectronics ST802RT1B Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Registers and descriptors description
ST802RT1A, ST802RT1B
36/58
Doc ID 17049 Rev 1
HCD 10BaseT: Bits 15:11 of the auxiliary PHY register are five read-only bits that report the
highest common denominator (HCD) result of the auto-negotiation process. Immediately
upon entering the link pass state after each reset or restart auto-negotiation, only one of
these five bits will be a “1”. The link pass state is identified by a “1” in bit 6 or 7 of this
register. The HCD bits are reset to “0” every time auto-negotiation is restarted or the
ST802RT1x is reset. Note that for their intended application, these bits uniquely identify the
HCD only after the first link pass after reset or restart of auto-negotiation. On later link fault
and subsequent re-negotiations, if the ability of the link partner is different, more than one of
the above bits may be active. These bits are only set for full auto-negotiation handshake,
and not for parallel detection of forced speed modes. Note that bit 14, HCD_T4, is never set
in the ST802RT1x.
Reserved: Ignore when read.
Restart auto-negotiation: A self-clearing bit that allows the auto-negotiation process to be
restarted, regardless of the current status of the state machine. For this bit to work, auto-
negotiation must be enabled. Writing a “1” to this bit restarts auto-negotiation. Since the bit
is self-clearing, it always returns a “0” when read. The operation of this bit is identical to bit 9
of the control register.
Auto-negotiation complete: This read-only bit returns a “1” after the auto-negotiation
process has been completed. It remains “1” until the auto-negotiation is restarted, a link fault
occurs, or the chip is reset. If auto-negotiation is disabled, or the process is still in progress,
the bit returns a “0”.
Auto-negotiation ack: This read-only bit is set to “1” when the arbitrator state machine
exits the acknowledged detect state. It remains high until the auto-negotiation process is
restarted, or the ST802RT1x is reset.
Auto-negotiation ability: This read-only bit returns a “1” when the auto-negotiation state
machine is in the ability detect state. It enters this state a specified time period after the
auto-negotiation process begins, and exits after the first FLP burst or link pulses are
detected from the link partner. This bit returns a “0” any time the auto-negotiation state
machine is not in the ability detect state.
Super isolate: Writing a “1” to this bit places the ST802RT1x into the super isolate mode.
Similar to the isolate mode, all MII inputs are ignored, and all MII outputs are tri-stated.
Additionally, all link pulses are suppressed. This allows the ST802RT1x to coexist with
another PHY on the same adapter card, with only one being activated at any time.
Table 29.
RN1F [0d31, 0x1F]: Shadow registers enable register
Bit
Bit name
Description
Default
RW
Type
Type
15:8
RESERVED
NOT USED
00000000b
RO
7
Shadow
Registers Enable
1 -> Shadow registers enabled
0 -> Normal operation
When this bit is set, registers at addresses 1B are masked
by correspondent shadow registers
Self-clearing functionality added to this bit when shadow
registers are enabled
0RW
SC
6:0
RESERVED
Not used
0000000b
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com