Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W29C040 Datasheet(PDF) 8 Page - Winbond

Part # W29C040
Description  512K X 8 CMOS FLASH MEMORY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C040 Datasheet(HTML) 8 Page - Winbond

Back Button W29C040 Datasheet HTML 4Page - Winbond W29C040 Datasheet HTML 5Page - Winbond W29C040 Datasheet HTML 6Page - Winbond W29C040 Datasheet HTML 7Page - Winbond W29C040 Datasheet HTML 8Page - Winbond W29C040 Datasheet HTML 9Page - Winbond W29C040 Datasheet HTML 10Page - Winbond W29C040 Datasheet HTML 11Page - Winbond W29C040 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
W29C040
- 8 -
Command Codes for Product Identification and Boot Block Lockout Detection
BYTE
SEQUENCE
ALTERNATE PRODUCT (7)
IDENTIFICATION/BOOT BLOCK
LOCKOUT DETECTION ENTRY
SOFTWARE PRODUCT
IDENTIFICATION/BOOT BLOCK
LOCKOUT DETECTION ENTRY
SOFTWARE PRODUCT
IDENTIFICATION/BOOT BLOCK
LOCKOUT DETECTION EXIT
ADDRESS
DATA
ADDRESS
DATA
ADDRESS
DATA
0 Write
5555
AA
5555H
AAH
5555H
AAH
1 Write
2AAA
55
2AAAH
55H
2AAAH
55H
2 Write
5555
90
5555H
80H
5555H
F0H
3 Write
-
-
5555H
AAH
-
-
4 Write
-
-
2AAAH
55H
-
-
5 Write
-
-
5555H
60H
-
-
Pause 10
µS
Pause 10
µS
Pause 10
µS
Software Product Identification and Boot Block Lockout Detection Acquisition Flow
Product
Identification
Entry (1)
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 60
to
address 5555
Pause 10 uS
Product
Identification
and Boot Block
Lockout Detection
Mode (3)
Read address = 00000
data = DA
Read address = 00001
data = 46
Read address = 00002
data = FF/FE
(4)
Read address = 7FFF2
data = FF/FE
(5)
Product
Identification
Exit (1)
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data F0
to
address 5555
Pause 10 uS
Normal Mode
(6)
(2)
(2)
Notes for software product identification/boot block lockout detection:
(1) Data Format: DQ7
−DQ0 (Hex); Address Format: A14−A0 (Hex)
(2) A1
−A18 = VIL; manufacture code is read for A0 = VIL; device code is read for A0 = VIH.
(3) The device does not remain in identification and boot block (address 0002 Hex/7FFF2 Hex respond to first 16K/last 16K) lockout detection
mode if power down.
(4), (5) If the output data is "FF Hex," the boot block programming lockout feature is activated; if the output data "FE Hex," the lockout feature is
inactivated and the block can be programmed.
(6) The device returns to standard operation mode.
(7) This product supports both the JEDEC standard 3 byte command code sequence and original 6 byte command code sequence. For new
designs, Winbond recommends that the 3 byte command code sequence be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com