Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W29C040 Datasheet(PDF) 18 Page - Winbond

Part # W29C040
Description  512K X 8 CMOS FLASH MEMORY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C040 Datasheet(HTML) 18 Page - Winbond

Back Button W29C040 Datasheet HTML 12Page - Winbond W29C040 Datasheet HTML 13Page - Winbond W29C040 Datasheet HTML 14Page - Winbond W29C040 Datasheet HTML 15Page - Winbond W29C040 Datasheet HTML 16Page - Winbond W29C040 Datasheet HTML 17Page - Winbond W29C040 Datasheet HTML 18Page - Winbond W29C040 Datasheet HTML 19Page - Winbond W29C040 Datasheet HTML 20Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
W29C040
- 18 -
ORDERING INFORMATION
PART NO.
ACCESS
TIME
(nS)
POWER
SUPPLY CURRENT
MAX. (mA)
STANDBY
VDD CURRENT
MAX. (
µA)
PACKAGE
CYCLING
W29C040T-90
90
50
100
Type one TSOP
1K
W29C040T-12
120
50
100
Type one TSOP
1K
W29C040P-90
90
50
100
32-pin PLCC
1K
W29C040P-12
120
50
100
32-pin PLCC
1K
W29C040T-90B
90
50
100
Type one TSOP
10K
W29C040T-12B
120
50
100
Type one TSOP
10K
W29C040P-90B
90
50
100
32-pin PLCC
10K
W29C040P-12B
120
50
100
32-pin PLCC
10K
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in
applications where personal injury might occur as a consequence of product failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com