Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W29C040 Datasheet(PDF) 1 Page - Winbond

Part # W29C040
Description  512K X 8 CMOS FLASH MEMORY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C040 Datasheet(HTML) 1 Page - Winbond

  W29C040 Datasheet HTML 1Page - Winbond W29C040 Datasheet HTML 2Page - Winbond W29C040 Datasheet HTML 3Page - Winbond W29C040 Datasheet HTML 4Page - Winbond W29C040 Datasheet HTML 5Page - Winbond W29C040 Datasheet HTML 6Page - Winbond W29C040 Datasheet HTML 7Page - Winbond W29C040 Datasheet HTML 8Page - Winbond W29C040 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
W29C040
512K
× 8 CMOS FLASH MEMORY
Publication Release Date: May 1999
- 1 -
Revision A5
GENERAL DESCRIPTION
The W29C040 is a 4-megabit, 5-volt only CMOS page mode EEPROM organized as 512K
× 8 bits.
The device can be written (erased and programmed) in-system with a standard 5V power supply. A
12-volt VPP is not required. The unique cell architecture of the W29C040 results in fast write (erase/
program) operations with extremely low current consumption compared to other comparable 5-volt
flash memory products. The device can also be written (erased and programmed) by using standard
EPROM programmers.
FEATURES
Single 5-volt write (erase and program)
operations
Fast page-write operations
− 256 bytes per page
− Page write (erase/program) cycle: 5 mS
(typ.)
− Effective byte-write (erase/program) cycle
time: 19.5
µS
− Optional software-protected data write
Fast chip-erase operation: 50 mS
Two 16 KB boot blocks with lockout
Typical page write (erase/program) cycles:
1K/10K (typ.)
Read access time: 90/120 nS
Ten-year data retention
Software and hardware data protection
Low power consumption
− Active current: 25 mA (typ.)
− Standby current: 20 µA (typ.)
Automatic write (erase/program) timing with
internal VPP generation
End of write (erase/program) detection
− Toggle bit
− Data polling
Latched address and data
All inputs and outputs directly TTL compatible
JEDEC standard byte-wide pinouts
Available packages: TSOP and PLCC


Similar Part No. - W29C040

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C040

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
4M (512K x 8) BIT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
8-Megabit 512K x 16 CMOS Flash Memory
logo
Winbond
W39V040FA WINBOND-W39V040FA Datasheet
518Kb / 36P
512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
logo
fujitsu semiconductor
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
512K 횞 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com