Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AB-557-03 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB-557-03
Description  CRYSTAL-LESS PCI EXPRESS DUAL OUTPUT ULTRA MINIATURE PURE SILICONTM SMD CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-557-03 Datasheet(HTML) 4 Page - Abracon Corporation

  AB-557-03 Datasheet HTML 1Page - Abracon Corporation AB-557-03 Datasheet HTML 2Page - Abracon Corporation AB-557-03 Datasheet HTML 3Page - Abracon Corporation AB-557-03 Datasheet HTML 4Page - Abracon Corporation AB-557-03 Datasheet HTML 5Page - Abracon Corporation AB-557-03 Datasheet HTML 6Page - Abracon Corporation AB-557-03 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AB-557-03 Series
CRYSTAL-LESS PCI EXPRESS DUAL OUTPUT ULTRA MINIATURE
PURE SILICONTMSMD CLOCK GENERATOR
OUTLINE DRAWING:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 10.31.12
Visit www.abracon.com for Terms & Conditions of Sale
3.2 x 2.5 x 0.85 mm (14 Pin QFN)
5.1 x 4.5 x 1.1 mm (16 Pin TSSOP)
Pb RoHS
Compliant
Pb RoHS
Compliant
14 Pin QFN:
16 Pin TSSOP:
Dimensions: mm (inches)
Center Pad: NC/GND
REF
* Dimensions do not include mold flash. Mold flash shall
not exceed 0.150mm(.006 inches) per side.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com