Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AB-557-03 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-557-03
Description  CRYSTAL-LESS PCI EXPRESS DUAL OUTPUT ULTRA MINIATURE PURE SILICONTM SMD CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-557-03 Datasheet(HTML) 1 Page - Abracon Corporation

  AB-557-03 Datasheet HTML 1Page - Abracon Corporation AB-557-03 Datasheet HTML 2Page - Abracon Corporation AB-557-03 Datasheet HTML 3Page - Abracon Corporation AB-557-03 Datasheet HTML 4Page - Abracon Corporation AB-557-03 Datasheet HTML 5Page - Abracon Corporation AB-557-03 Datasheet HTML 6Page - Abracon Corporation AB-557-03 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AB-557-03 Series
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
CRYSTAL-LESS PCI EXPRESS DUAL OUTPUT ULTRA MINIATURE
PURE SILICONTMSMD CLOCK GENERATOR
STANDARD SPECIFICATIONS:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 10.31.12
Visit www.abracon.com for Terms & Conditions of Sale
3.2 x 2.5 x 0.85 mm (14 Pin QFN)
5.1 x 4.5 x 1.1 mm (16 Pin TSSOP)
Pb RoHS
Compliant
• Solid State Storage
• Storage Area Networks
• Passive Optical Networks
• Ethernet: 1G, 10GBASE-T/KR/LR/SR, and FCoE
• TV and other Consumer Electronics
• Industrial and Medical
• Scanner, Printer
• Meets PCIe Gen1, Gen2, & Gen3 specs.
• High Performance MEMS Technology by Discera
• Available Mixed Output Formats: HCSL, LVPECL, LVDS or LVCMOS
• Wide Temperature Range: -40° to 105° C
• Wide Supply Range: 2.25V to 3.6 V
• Low Power Consumption
• Excellent Shock & Vibration Immunity
*1. For frequency other than 100MHz, please contact ABRACON or consider using ASEMDxx series
2. Frequency stability includes frequency variations due to initial tolerance, temp. and power supply voltage
Parameters
Minimum
Typical
Maximum
Unite
Notes
Frequency
f0
2.3
100
460*1
MHz
Operating Temperature
-20
+70
°C
See options
C
°
0
5
1
+
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Freq. Stability*2
Δf
-50
+50
ppm
See options
Supply Voltage
VDD
+2.25
+3.6
V
Supply Current- Enabled
IDD
60
mA
RL=50Ω,
F01=F02=100.00MHz
Supply Current- Disabled
IDD
21
23
mA
Startup Time
tsu
5
ms
Enable Time
tEN
20
ns
Disable Time
tDA
5
ns
Tri-state Function (Standby/Disable)
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd) : Hi Z
V
40kΩ pull-up resistor
embedded
r
a
e
y
t
s
ri
F
m
p
p
0
.
5
+
0
.
5
-
g
n
i
g
A
VOH
0.725
Output Offset Voltage
VOL
0.10
V
RL=50 Ω
Peak to Peak Output Swing
750
mV
Single-Ended
Rise Time
tr
200
400
ps
Fall Time
tf
200
400
ps
RL=50 Ω, CL=2pF
(20% to 80%)*VDD
Duty Cycle
SYM
48
52
%
Differential
Period Jitter
JPER
2.5
psRMS F01=F02=100.00MHz
RJ
0.540
psRMS
DJ
0.832
41.9
TJ
8.536
86.0
psp-p
PCIe Gen 1.1
TJ= DJ + 14.069 x RJ
(BER 10-12)
JRMS-CCHF
0.458
3.1
PCIe Gen 2.1
1.5 MHz to Nyquist
JRMS-CCLF
0.030
3.0
psRMS
PCIe Gen 2.1
10kHz to 1.5 MHz
Integrated Phase Noise
(Common Clock
Architecture)
JRMS-CC
0.165
1.0
psRMS PCIe Gen 3.0
JRMS-DCHF
0.561
4.0
PCIe Gen 2.1
1.5 MHz to Nyquist
JRMS-DCLF
1.778
7.5
psRMS
PCIe Gen 2.1
10kHz to 1.5 MHz
Integrated Phase Noise
(Data Clock Architecture)
JRMS-DC
0.147
1.0
psRMS PCIe Gen 3.0
Moisture Sensitivity Level
MSL 1 – 14 QFN
MSL 3 – 16 TSSOP


Similar Part No. - AB-557-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AB-5.000MHZ-B2 ETC1-AB-5.000MHZ-B2 Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
AB-50.000MHZ-B2 ETC1-AB-50.000MHZ-B2 Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
logo
3M Electronics
AB-5000 3M-AB-5000 Datasheet
200Kb / 2P
EMI Absorber
AB-5000HF 3M-AB-5000HF Datasheet
4Mb / 12P
3M??EMI/EMC Electronic Materials
AB-5000RFSeries 3M-AB-5000RFSeries Datasheet
4Mb / 12P
3M??EMI/EMC Electronic Materials
More results

Similar Description - AB-557-03

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMDLV ABRACON-ASEMDLV Datasheet
2Mb / 4P
LOW JITTER PIN CONFIGURABLE DUAL LVDS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
02.06.14
logo
Silicon Laboratories
SI52112-B3 SILABS-SI52112-B3 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Abracon Corporation
ASEMDC ABRACON-ASEMDC Datasheet
3Mb / 4P
LOW JITTER PIN CONFIGURABLE DUAL CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMDHC ABRACON-ASEMDHC Datasheet
2Mb / 4P
LOW JITTER PIN CONFIGURABLE DUAL HCSL OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASEMDC1-ZR ABRACON-ASEMDC1-ZR Datasheet
3Mb / 4P
LOW JITTER PIN CONFIGURABLE DUAL CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMDLP-LR ABRACON-ASEMDLP-LR Datasheet
2Mb / 4P
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT
11.05.14
logo
Silicon Laboratories
SI50122-A1 SILABS-SI50122-A1 Datasheet
1Mb / 14P
CRYSTAL-LESS PCI-EXPRESS GEN1 DUAL OUTPUT CLOCK GENERATOR
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com