Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AB-557-03 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB-557-03
Description  CRYSTAL-LESS PCI EXPRESS DUAL OUTPUT ULTRA MINIATURE PURE SILICONTM SMD CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-557-03 Datasheet(HTML) 3 Page - Abracon Corporation

  AB-557-03 Datasheet HTML 1Page - Abracon Corporation AB-557-03 Datasheet HTML 2Page - Abracon Corporation AB-557-03 Datasheet HTML 3Page - Abracon Corporation AB-557-03 Datasheet HTML 4Page - Abracon Corporation AB-557-03 Datasheet HTML 5Page - Abracon Corporation AB-557-03 Datasheet HTML 6Page - Abracon Corporation AB-557-03 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AB-557-03 Series
CRYSTAL-LESS PCI EXPRESS DUAL OUTPUT ULTRA MINIATURE
PURE SILICONTMSMD CLOCK GENERATOR
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 10.31.12
Visit www.abracon.com for Terms & Conditions of Sale
3.2 x 2.5 x 0.85 mm (14 Pin QFN)
5.1 x 4.5 x 1.1 mm (16 Pin TSSOP)
Pb RoHS
Compliant
Pb RoHS
Compliant
16 Pin TSSOP:
PART IDENTIFICATION:
Pin No.
Pin Name
Pin Type
Description
1
NC
NA
Leave Unconnected
2
NC
NA
Leave Unconnected
3
NC
NA
Leave Unconnected
4
NC
NA
Leave Unconnected
5
NC
NA
Leave Unconnected
6
OE
I
Output Enable; active high
7
VSS
Power
Ground
8
NC
NA
Leave Unconnected
9
NC
NA
Leave Unconnected
10
CLK1+
O
True output of differential pair
11
CLK1-
O
Complement output of differential pair
12
NC
NA
Leave Unconnected
13
NC
NA
Leave Unconnected
14
CLK0-
O
Complement output of differential pair
15
CLK0+
O
True output of differential pair
16
VDD
Power
Power Supply
Pin Diagram
Connection Diagram
AB-557-03-
- - - -
Output Format, Clk1
C: LVCMOS
LP: LVPECL
LV:LVDS
HC:HCSL
Overall Freq. Stability
Blank: ±100ppm
C: ±50ppm
Output Format, Clk0
C: LVCMOS
LP: LVPECL
LV:LVDS
HC:HCSL
Operating Temp.
E: -20°C ~ +70°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
Package Type
F: 14-QFN
S: 16-TSSOP
Packaging
Blank: Bulk
T: Tape & Reel(1kpcs / reel)
T3: Tape & Reel(3kpcs/reel)
Note: For frequency other than 100MHz, please contact ABRACON or consider using ASEMDxx series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com