Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC7232W Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC7232W
Description  8-Channel HV Analog Switch with Built-in Bleeder Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7232W Datasheet(HTML) 5 Page - IXYS Corporation

  CPC7232W Datasheet HTML 1Page - IXYS Corporation CPC7232W Datasheet HTML 2Page - IXYS Corporation CPC7232W Datasheet HTML 3Page - IXYS Corporation CPC7232W Datasheet HTML 4Page - IXYS Corporation CPC7232W Datasheet HTML 5Page - IXYS Corporation CPC7232W Datasheet HTML 6Page - IXYS Corporation CPC7232W Datasheet HTML 7Page - IXYS Corporation CPC7232W Datasheet HTML 8Page - IXYS Corporation CPC7232W Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC7232
R00J
PRELIMINARY
5
1.5 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25
C.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.6 Operating Conditions
1 Power up/down sequence is arbitrary except that GND must be powered-up first and powered-down last.
2 V
SW must be VNN  VSW  VPP or floating during power up/down transition.
3 Rise and fall times of power supplies, V
DD , VPP , and VNN , should not be less than 1ms.
Parameter
Min
Max
Units
VDD Logic Power Supply Voltage
-0.5
6
V
VPP - VNN Supply Voltage
-220
V
VPP Positive High Voltage Supply
-0.5
VNN+200
V
VNN Negative High Voltage Supply
-0.5
VPP-200
V
Logic input voltages
-0.5
VDD+0.3
V
Analog signal range
VNN
VPP
V
Peak analog signal current per channel
-
1
A
Power dissipation
28-Lead PLCC
-
2.5
W
48-Lead LQFP
-
2.3
Thermal Resistance, Junction to Ambient
28-Lead PLCC
-
50
C/W
48-Lead LQFP
-
53
Storage temperature
-60
+150
C
Parameter
Symbol
Value
Logic power supply voltage 1, 3
VDD
4.5V to 6V
Positive high voltage supply 1, 3
VPP
40V to VNN + 200V
Negative high voltage supply 1, 3
VNN
-40V to -160V
Analog signal voltage, peak-to-peak 2
VSW
VNN+10V to VPP-10V
Operating temperature
TA
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com