Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC7232W Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC7232W
Description  8-Channel HV Analog Switch with Built-in Bleeder Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7232W Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC7232W Datasheet HTML 4Page - IXYS Corporation CPC7232W Datasheet HTML 5Page - IXYS Corporation CPC7232W Datasheet HTML 6Page - IXYS Corporation CPC7232W Datasheet HTML 7Page - IXYS Corporation CPC7232W Datasheet HTML 8Page - IXYS Corporation CPC7232W Datasheet HTML 9Page - IXYS Corporation CPC7232W Datasheet HTML 10Page - IXYS Corporation CPC7232W Datasheet HTML 11Page - IXYS Corporation CPC7232W Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
8
PRELIMINARY
R00J
CPC7232
1.7.4 Supply DC Characteristics (over recommended operating conditions unless otherwise noted)
Parameter
Symbol
Test Conditions
0°C
+25°C
+70°C
Units
min
max
min
typ
max
min
max
VPP quiescent supply current
IPPQ
All switches off
---
0.1
10
-
-
A
All switches on, ISW=5mA
VNN quiescent supply current
INNQ
All switches off
---
-0.1
-10
-
-
All switches on, ISW=5mA
VPP operating supply current
IPP
VPP=40V,
VNN=-160V
50kHz output
switching
frequency with
no load
-6.5
-
-
7
-
8
mA
VPP=100V,
VNN=-100V
-
5
-
-
5.5
-
5.5
VPP=160V,
VNN=-40V
-5
-
-
5
-
5.5
VNN operating supply current
INN
VPP=40V,
VNN=-160V
50kHz output
switching
frequency with
no load
-6.5
-
-
7
-
8
mA
VPP=100V,
VNN=-100V
-
5
-
-
5.5
-
5.5
VPP=160V,
VNN=-40V
-5
-
-
5
-
5.5
VDD average supply current
IDD
fCLK=5MHz, VDD=5V
-4
-
-
4
-
4
mA
VDD quiescent supply current
IDDQ
-
-
10
-
0.03
10
-
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com