Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC7232W Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC7232W
Description  8-Channel HV Analog Switch with Built-in Bleeder Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7232W Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC7232W Datasheet HTML 3Page - IXYS Corporation CPC7232W Datasheet HTML 4Page - IXYS Corporation CPC7232W Datasheet HTML 5Page - IXYS Corporation CPC7232W Datasheet HTML 6Page - IXYS Corporation CPC7232W Datasheet HTML 7Page - IXYS Corporation CPC7232W Datasheet HTML 8Page - IXYS Corporation CPC7232W Datasheet HTML 9Page - IXYS Corporation CPC7232W Datasheet HTML 10Page - IXYS Corporation CPC7232W Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC7232
R00J
PRELIMINARY
7
1.7.2 Logic DC Characteristics (over recommended operating conditions unless otherwise noted)
1.7.3 Logic Timing Characteristics (over recommended operating conditions unless otherwise noted)
Parameter
Symbol
Test Conditions
0°C
+25°C
+70°C
Units
min
max
min
typ
max
min
max
DOUT source capability
VOH
IOUT= -400A
--
VDD-0.7 VDD-0.1
---
V
DOUT sink capability
VOL
IOUT= +400A
-
-
-
0.04
0.7
-
-
Logic input capacitance
CIN
-
-
10
-
-
10
-
10
pF
Logic input high
VIH
4.75V < VDD < 5.25V
2-
2-
-
2
-
V
Logic input low
VIL
4.75V < VDD < 5.25V
-
0.8
-
-
0.8
-
0.8
Parameter
Symbol
Test Conditions
0°C
+25°C
70°C
Units
min
max
min
typ
max
min
max
Setup time before LE rises
tSD
-
150
-
150
-
-
150
-
ns
Time width of LE
tWLE
-
150
-
150
-
-
150
-
Clock delay time to Data Out
tDO
-
-
150
-
62
150
-
150
Time width of CL
tWCL
-
150
-
150
-
-
150
-
Setup time, data to clock
tSU
-
15
-
15
8
-
20
-
Hold time, data from clock
tH
-
35
-
35
-
-
35
-
Clock frequency
fCLK
50% duty cycle, fDATA=fCLK/2
-5
-
-
5
-
5
MHz
Clock rise and fall times
tR, tF
-
-
50
-
-
50
-
50
ns
Turn-on time
tON
VSW=VPP-10V, RL=10k
-5
-
2
5-
5
s
Turn-off time
tOFF
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com