Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED5000 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 14Page - STMicroelectronics LED5000 Datasheet HTML 15Page - STMicroelectronics LED5000 Datasheet HTML 16Page - STMicroelectronics LED5000 Datasheet HTML 17Page - STMicroelectronics LED5000 Datasheet HTML 18Page - STMicroelectronics LED5000 Datasheet HTML 19Page - STMicroelectronics LED5000 Datasheet HTML 20Page - STMicroelectronics LED5000 Datasheet HTML 21Page - STMicroelectronics LED5000 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Application notes - buck conversion
LED5000
18/51
Doc ID 023951 Rev 1
With the power components selected in accordance with
Chapter 5.9: Component selection
and given the BW specification, the components composing the compensation network can
be calculated as:
Equation 16
where the term mC is represented in Equation 4, RLOAD the equivalent loading resistor
(
Equation 12), RS the sensing resistor value, Gm the error amplifier transconductance and
RCS the current sense gain (Table 5: Electrical characteristics)
Equation 17
where K represents the leading position of the FZ (Equation 11) with respect to the system
bandwidth. In general, a value of 2 gives enough phase margin to the overall small loop
transfer function.
5.7
Example of system design
Design specification:
VIN=48 V, VFW_LED=3.7 V, nLED= 10, rLED= 1.1 W, ILED= 1 A, ILED RIPPLE= 2%
The inductor and capacitor value are dimensioned to meet the ILED RIPPLE specification (see
Chapter 5.9.2 for output capacitor and inductor selection guidelines):
L=22
μH, COUT=1.0 μF mlcc (negligible ESR)
In accordance with
Chapter 5.9.1 the sensing resistor value is:
Equation 18
Assuming a system bandwidth of:
Equation 19
the ideal values of the components making up the compensation network is:
Equation 20
Final component selection is based on commercial values and a small capacitor CP is
added to reduce noise at the error amplifier output. CP slightly decreases the BW and phase
margin.
R
C
1
R
LOAD
T
SW
⋅
L
------------------------------------
m
C
1D
–
() 0.5
–
⋅
[]
⋅
+
f
P
-----------------------------------------------------------------------------------------------------------
BW
R
CS
⋅
G
m
R
S
⋅
----------------------------
⋅
=
C
C
K
R
C
BW
⋅
------------------------
=
R
S
200 mV
1 A
--------------------
200 m
Ω
==
BW
70 kHz
BW
MAX
<
=
R
C
43 k
Ω
=
C
C
650 pF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com