Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED5000 Datasheet(PDF) 38 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 34Page - STMicroelectronics LED5000 Datasheet HTML 35Page - STMicroelectronics LED5000 Datasheet HTML 36Page - STMicroelectronics LED5000 Datasheet HTML 37Page - STMicroelectronics LED5000 Datasheet HTML 38Page - STMicroelectronics LED5000 Datasheet HTML 39Page - STMicroelectronics LED5000 Datasheet HTML 40Page - STMicroelectronics LED5000 Datasheet HTML 41Page - STMicroelectronics LED5000 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Application notes - alternative topologies
LED5000
38/51
Doc ID 023951 Rev 1
6.2
Positive buck-boost
Positive buck-boost fits those applications that require a buck-boost topology (i.e. the input
voltage range crosses the output voltage value) and where the inverting buck-boost is not
suitable because of the main constraints for the final application (refer to
Chapter 6.1). As a
consequence the inverting buck-boost is the preferred option because it requires less
components and it has higher efficiency compared to the positive buck-boost topology.
Figure 28.
Positive buck-boost
The positive buck-boost implementation (
Figure 28) requires one more diode and an
external power switch than inverting buck-boost. The device is not floating, referred to GND,
and it is supplied with the input voltage of the application (the input voltage in inverting buck-
boost topology is instead VIN-VOUT, refer to Chapter 6.1 for details). LED5000 does not see
the output voltage during the switching activity so VOUT can be higher than the maximum
input voltage.
The equations for the positive buck-boost are similar to those seen for the inverting.
Equation 58
where the ideal duty cycle DIDEAL for the buck-boost converter is:
Equation 59
However, due to power losses (mainly switching and conduction losses), the real duty cycle
is always higher than this. The real value (which can be measured in the application) should
be used in the following formulas.
The peak current flowing in the embedded switch is:
Equation 60
while its average current level is equal to:
VIN
VREF
ISW
AM13512v1
V
OUT
V
IN
D
IDEAL
1D
IDEAL
–
----------------------------
⋅
=
D
IDEAL
V
OUT
V
IN
V
OUT
+
------------------------------
=
I
SW
I
LOAD
1D
REAL
–
---------------------------
I
RIPPLE
2
--------------------
+
I
LOAD
1D
REAL
–
---------------------------
V
IN
2L
⋅
-------------
D
f
SW
---------
⋅
+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com