Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED5000 Datasheet(PDF) 42 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 38Page - STMicroelectronics LED5000 Datasheet HTML 39Page - STMicroelectronics LED5000 Datasheet HTML 40Page - STMicroelectronics LED5000 Datasheet HTML 41Page - STMicroelectronics LED5000 Datasheet HTML 42Page - STMicroelectronics LED5000 Datasheet HTML 43Page - STMicroelectronics LED5000 Datasheet HTML 44Page - STMicroelectronics LED5000 Datasheet HTML 45Page - STMicroelectronics LED5000 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Application notes - alternative topologies
LED5000
42/51
Doc ID 023951 Rev 1
Figure 31 shows the circuit schematic for an LED current source based on the floating boost
topology. The input voltage ranges from 12 to 36 V and it can drive a string composed of 11
LEDs with 0.7 A DC (VFW_LED = 3.74 V so VOUT=41 V).
Figure 31.
LED current source based on floating boost topology
The network D1, R1, RS implements an inexpensive overvoltage protection. R1 effect can
be neglected during the normal operation since the FB biasing current is negligible (tens of
nA, see
Table 5: Electrical characteristics) but it limits the current flowing in the Zener diode
D1. In case the load is disconnected or in case of open LED:
Equation 72
R1 must be dimensioned to limit the D1 rated power so it is an inexpensive small signal
Zener diode.
The circuitry Q1, R3, R4, R5 implements a level shifter to convert the dimming signal
voltage levels (referred to GND) to the device rails, since the LED5000 local ground is
floating. The LED5000 local GND level is:
Equation 73
where VLGND represent the local GND value.
Figure 25 shows the dimming operation: the light blue trace represents the DIM pin, the
yellow the SW (high level is VIN, low level is VIN-VOUT), the green trace the inductor current
(see
Figure 69) and the purple is the output voltage.
SMB FLAT
R3
100K
T1
2
D1
BZX384-C47
C1
100nF
RS1
0.28R
TP2
VLED+
TP1
VIN
TP3
VLED-
TP4
DIM
Q1
BC807-16
R5
47K
C4
2.2nF
L1 33uH
R4
10K
C3
2.2uF
50V
D2
STPS3L60U
C5
100nF
C6
NM
TP5
GND
R2
10K
U1
LED5000
SW
8
VIN
7
BOOT
1
EP
EP
DIM
2
INH
3
GND
6
COMP
4
FB
5
C2
15pF
R1
10K
AM13515v1
V
OUT
V
FB
V
ZENER_DIODE
+
=
I
ZENER_DIODE
V
FB
R
S
R
1
+
---------------------
=
V
LGND
V
IN
V
OUT
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com