Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32L152VB Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32L152VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VB Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32L152VB Datasheet HTML 56Page - STMicroelectronics STM32L152VB Datasheet HTML 57Page - STMicroelectronics STM32L152VB Datasheet HTML 58Page - STMicroelectronics STM32L152VB Datasheet HTML 59Page - STMicroelectronics STM32L152VB Datasheet HTML 60Page - STMicroelectronics STM32L152VB Datasheet HTML 61Page - STMicroelectronics STM32L152VB Datasheet HTML 62Page - STMicroelectronics STM32L152VB Datasheet HTML 63Page - STMicroelectronics STM32L152VB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
60/121
Doc ID 17659 Rev 8
IDD (Stop)
Supply current in
Stop mode (
RTC disabled)
Regulator in LP mode, HSI and
HSE OFF, independent watchdog
and LSI enabled
TA = -40°C to 25°C
1.1
2.2
µA
Regulator in LP mode, LSI, HSI
and HSE OFF (no independent
watchdog)
TA = -40°C to 25°C
0.5
0.9
TA = 55°C
1.9
5
TA= 85°C
3.7
8
TA = 105°C
8.9
20(6)
IDD (WU
from Stop)
RMS (root mean
square) supply
current during
wakeup time
when exiting
from Stop mode
MSI = 4.2 MHz
VDD = 3.0 V
TA = -40°C to 25°C
2
mA
MSI = 1.05 MHz
1.45
MSI = 65 kHz(7)
1.45
1.
The typical values are given for VDD = 3.0 V and max values are given for VDD = 3.6 V, unless otherwise
specified.
2.
Based on characterization, not tested in production, unless otherwise specified
3.
LCD enabled with external VLCD, static duty, division ratio = 256, all pixels active, no LCD connected
4.
LCD enabled with external VLCD, 1/8 duty, 1/3 bias, division ratio = 64, all pixels active, no LCD connected.
5.
Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY)
with two 6.8pF loading capacitors.
6.
Tested in production
7.
When MSI = 64 kHz, the RMS current is measured over the first 15 µs following the wakeup event. For the
remaining time of the wakeup period, the current is similar to the Run mode current.
Table 22.
Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ(1)
Max
(1)(2)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com