Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32L152VB Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32L152VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VB Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32L152VB Datasheet HTML 58Page - STMicroelectronics STM32L152VB Datasheet HTML 59Page - STMicroelectronics STM32L152VB Datasheet HTML 60Page - STMicroelectronics STM32L152VB Datasheet HTML 61Page - STMicroelectronics STM32L152VB Datasheet HTML 62Page - STMicroelectronics STM32L152VB Datasheet HTML 63Page - STMicroelectronics STM32L152VB Datasheet HTML 64Page - STMicroelectronics STM32L152VB Datasheet HTML 65Page - STMicroelectronics STM32L152VB Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
62/121
Doc ID 17659 Rev 8
Wakeup time from Low power mode
The wakeup times given in the following table are measured with the MSI RC oscillator. The
clock source used to wake up the device depends on the current operating mode:
●
Sleep mode: the clock source is the clock that was set before entering Sleep mode
●
Stop mode: the clock source is the MSI oscillator in the range configured before
entering Stop mode
●
Standby mode: the clock source is the MSI oscillator running at 2.1 MHz
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 14.
Table 24.
Typical and maximum timings in Low power modes
Symbol
Parameter
Conditions
Typ
Max(1)
1.
Based on characterization, not tested in production, unless otherwise specified
Unit
tWUSLEEP
Wakeup from Sleep mode
fHCLK = 32 MHz
0.36
µs
tWUSLEEP_LP
Wakeup from Low power
sleep mode
fHCLK = 262 kHz
fHCLK = 262 kHz
Flash enabled
32
fHCLK = 262 kHz
Flash switched OFF
34
tWUSTOP
Wakeup from Stop mode,
regulator in Run mode
fHCLK = fMSI = 4.2 MHz
8.2
Wakeup from Stop mode,
regulator in low power mode
fHCLK = fMSI = 4.2 MHz
Voltage range 1 and 2
8.2
9.3
fHCLK = fMSI = 4.2 MHz
Voltage range 3
7.8
11.2
fHCLK = fMSI = 2.1 MHz
10
12
fHCLK = fMSI = 1.05 MHz
15.5
20
fHCLK = fMSI = 524 kHz
29
35
fHCLK = fMSI = 262 kHz
53
63
fHCLK = fMSI = 131 kHz
105
118
fHCLK = MSI = 65 kHz
210
237
tWUSTDBY
Wakeup from Standby mode
FWU bit = 1
fHCLK = MSI = 2.1 MHz
50
103
Wakeup from Standby mode
FWU bit = 0
fHCLK = MSI = 2.1 MHz
2.5
3.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com