Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32L152VB Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32L152VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VB Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32L152VB Datasheet HTML 82Page - STMicroelectronics STM32L152VB Datasheet HTML 83Page - STMicroelectronics STM32L152VB Datasheet HTML 84Page - STMicroelectronics STM32L152VB Datasheet HTML 85Page - STMicroelectronics STM32L152VB Datasheet HTML 86Page - STMicroelectronics STM32L152VB Datasheet HTML 87Page - STMicroelectronics STM32L152VB Datasheet HTML 88Page - STMicroelectronics STM32L152VB Datasheet HTML 89Page - STMicroelectronics STM32L152VB Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
86/121
Doc ID 17659 Rev 8
SPI characteristics
Unless otherwise specified, the parameters given in the following table are derived from
tests performed under ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 14.
Refer to Section 6.3.11: I/O current injection characteristics for more details on the
input/output alternate function characteristics (NSS, SCK, MOSI, MISO).
Table 49.
SPI characteristics(1)
1.
The characteristics above are given for voltage range 1.
Symbol
Parameter
Conditions
Min
Max(2)
2.
Based on characterization, not tested in production.
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
-
16
MHz
Slave mode
-
16
Slave transmitter
-
12(3)
3.
The maximum SPI clock frequency in slave transmitter mode is given for an SPI slave input clock duty
cycle (DuCy(SCK)) ranging between 40 to 60%.
tr(SCK)
(2)
tf(SCK)
(2)
SPI clock rise and fall
time
Capacitive load: C = 30 pF
-
6
ns
DuCy(SCK)
SPI slave input clock duty
cycle
Slave mode
30
70
%
tsu(NSS)
NSS setup time
Slave mode
4tHCLK
-
ns
th(NSS)
NSS hold time
Slave mode
2tHCLK
-
tw(SCKH)
(2)
tw(SCKL)
(2)
SCK high and low time
Master mode
tSCK/2
−5
tSCK/2+
3
tsu(MI)
(2)
Data input setup time
Master mode
5
-
tsu(SI)
(2)
Slave mode
6
-
th(MI)
(2)
Data input hold time
Master mode
5
-
th(SI)
(2)
Slave mode
5
-
ta(SO)
(4)
4.
Min time is for the minimum time to drive the output and max time is for the maximum time to validate the
data.
Data output access time
Slave mode
0
3tHCLK
tv(SO)
(2)
Data output valid time
Slave mode
-
33
tv(MO)
(2)
Data output valid time
Master mode
-
6.5
th(SO)
(2)
Data output hold time
Slave mode
17
-
th(MO)
(2)
Master mode
0.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com