Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32L152VB Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32L152VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VB Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32L152VB Datasheet HTML 97Page - STMicroelectronics STM32L152VB Datasheet HTML 98Page - STMicroelectronics STM32L152VB Datasheet HTML 99Page - STMicroelectronics STM32L152VB Datasheet HTML 100Page - STMicroelectronics STM32L152VB Datasheet HTML 101Page - STMicroelectronics STM32L152VB Datasheet HTML 102Page - STMicroelectronics STM32L152VB Datasheet HTML 103Page - STMicroelectronics STM32L152VB Datasheet HTML 104Page - STMicroelectronics STM32L152VB Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
101/121
6.3.20
LCD controller (STM32L152xx only)
The STM32L152xx embeds a built-in step-up converter to provide a constant LCD reference
voltage independently from the VDD voltage. An external capacitor Cext must be connected
to the VLCD pin to decouple this converter.
Table 61.
LCD controller characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VLCD
LCD external voltage
3.6
V
VLCD0
LCD internal reference voltage 0
2.6
VLCD1
LCD internal reference voltage 1
2.73
VLCD2
LCD internal reference voltage 2
2.86
VLCD3
LCD internal reference voltage 3
2.98
VLCD4
LCD internal reference voltage 4
3.12
VLCD5
LCD internal reference voltage 5
3.26
VLCD6
LCD internal reference voltage 6
3.4
VLCD7
LCD internal reference voltage 7
3.55
Cext
VLCD external capacitance
0.1
2
µF
ILCD
(1)
1.
LCD enabled with 3 V internal step-up active, 1/8 duty, 1/4 bias, division ratio= 64, all pixels active, no LCD
connected
Supply current at VDD = 2.2 V
3.3
µA
Supply current at VDD = 3.0 V
3.1
RHtot
(2)
2.
Guaranteed by design, not tested in production.
Low drive resistive network overall value
5.28
6.6
7.92
M
Ω
RL
(2)
High drive resistive network total value
192
240
288
k
Ω
V44
Segment/Common highest level voltage
VLCD
V
V34
Segment/Common 3/4 level voltage
3/4 VLCD
V
V23
Segment/Common 2/3 level voltage
2/3 VLCD
V12
Segment/Common 1/2 level voltage
1/2 VLCD
V13
Segment/Common 1/3 level voltage
1/3 VLCD
V14
Segment/Common 1/4 level voltage
1/4 VLCD
V0
Segment/Common lowest level voltage
0
ΔVxx(3)
3.
Based on characterization, not tested in production.
Segment/Common level voltage error
TA = -40 to 85 °C
± 50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com