Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5957PD Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5957PD
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5957PD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5957PD Datasheet HTML 2Page - STMicroelectronics L5957PD Datasheet HTML 3Page - STMicroelectronics L5957PD Datasheet HTML 4Page - STMicroelectronics L5957PD Datasheet HTML 5Page - STMicroelectronics L5957PD Datasheet HTML 6Page - STMicroelectronics L5957PD Datasheet HTML 7Page - STMicroelectronics L5957PD Datasheet HTML 8Page - STMicroelectronics L5957PD Datasheet HTML 9Page - STMicroelectronics L5957PD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical specifications
L5957
6/16
Doc ID 14442 Rev 2
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
VS = 14.4 V; Tamb = 25 °C; unless otherwise specified.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VSDC
DC operating supply voltage
30
V
VSTR
Transient supply voltage
50
V
IO
Output current
internally limited
Top
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature
-55 to 150
°C
Tj
Junction temperature
-55 to 150
°C
Pd
Power dissipation Tcase = 85 °C
43
W
Table 3.
Thermal data
Symbol
Parameter
PowerSO Multiwatt
Unit
Rth j-case Thermal resistance junction-to-case
Max.
1.5
1.8
°C/W
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Input supplies
Vin1
Input supply voltage 1
Operating
9
-
18
V
Vin2
Input supply voltage 2
Operating
6
-
18
V
Iq
Total quiescent current
Standby (-20 °C to 85 °C)
IGNIN = 5 V
--
70
μA
REGx = 5 V, REGsw = 5 V,
IGNIN = 5 V
-5-
mA
Standby (-20 °C to 85 °C)
IGNIN = 5 V, VCC = 18 V
-100
-
µA
Load Dump
Vin1
Battery over voltage
Vin1
18
20
22
V
Load Dump
Vin2
Vin2
18
20
22
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com