Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5957PD Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5957PD
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5957PD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5957PD Datasheet HTML 3Page - STMicroelectronics L5957PD Datasheet HTML 4Page - STMicroelectronics L5957PD Datasheet HTML 5Page - STMicroelectronics L5957PD Datasheet HTML 6Page - STMicroelectronics L5957PD Datasheet HTML 7Page - STMicroelectronics L5957PD Datasheet HTML 8Page - STMicroelectronics L5957PD Datasheet HTML 9Page - STMicroelectronics L5957PD Datasheet HTML 10Page - STMicroelectronics L5957PD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L5957
Electrical specifications
Doc ID 14442 Rev 2
7/16
Regulator 1
Vo (REG 1)
Output voltage 8.5 V
-
8
8.5
9
V
ΔV
Line regulation
Vin1 = 10 to 18 V; I = 500 mA
-
-
50
mV
Vin1 = 9.3 to 18 V; I = 10 mA
-
-
50
mV
ΔVi
Load regulation
Ireg1 = 1 to 500 mA
-
-
100
mV
Iq
Quiescent current
Ireg1 = 10 mA
-
-
5
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 500 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg1 = 500 mA
(1)
--
0.6
V
Im
Current limit
Rshort = 0.5 Ω
0.6
-
1.2
A
Regulator 2
Vo (ST BY)
Output voltage 5 V
-
4.7
5
5.3
V
ΔV
Line regulation
Vin1 = 7 to 18 V; I = 300 mA
-
-
50
mV
Vin1 = 6 to 18 V; I = 10 mA
-
-
50
mV
ΔVi
Load regulation
Ireg2 = 1 to 300 mA
-
-
100
mV
Iq
Quiescent Current
Ireg2 = 10 mA
-
-
3
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 300 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg2 = 300 mA
(1)
--
1.5
V
Ireg2 = 100 mA
(1)
--
0.6
V
Im
Current limit
Rshort = 0.5 Ω
400
-
800
mA
Regulator 3
Vo (REG 3)
Output voltage 5V
-
4.75
5
5.25
V
ΔV
Line regulation
Vin2 = 7 to 18 V; I = 800 mA
-
-
50
mV
Vin2 = 6 to 18 V; I = 10 mA
-
-
50
mV
ΔVi
Load regulation
Ireg3 = 1 to 800 mA
-
-
100
mV
Iq
Quiescent current
Ireg3 = 10 mA
-
-
5
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 800 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg3 = 800 mA
(1)
--
1.5
V
Im
Current limit
Rshort = 0.5 Ω
1-2
A
Regulator 4
Vo (REG 4)
Output voltage 3.3V
-
3.10
3.3
3.50
V
ΔV
Line regulation
Vin2 = 6 to 18 V; I = 800 mA
-
-
50
mV
ΔV
Line regulation
Vin2 = 6 to 18 V; I = 10 mA
-
-
50
mV
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com