Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5957PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5957PD
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5957PD Datasheet(HTML) 1 Page - STMicroelectronics

  L5957PD Datasheet HTML 1Page - STMicroelectronics L5957PD Datasheet HTML 2Page - STMicroelectronics L5957PD Datasheet HTML 3Page - STMicroelectronics L5957PD Datasheet HTML 4Page - STMicroelectronics L5957PD Datasheet HTML 5Page - STMicroelectronics L5957PD Datasheet HTML 6Page - STMicroelectronics L5957PD Datasheet HTML 7Page - STMicroelectronics L5957PD Datasheet HTML 8Page - STMicroelectronics L5957PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2010
Doc ID 14442 Rev 2
1/16
1
L5957
Multifunction voltage regulator for car radio
Features
■ Four outputs:
– 8.5 V @ 500 mA
– 5 V @ 300 mA Permanent
–5 V @ 800 mA
– 3.3 V @ 800 mA
■ 2 A high side driver
■ Reset function
■ Ignition comparator
■ Load dump protection
■ Thermal shutdown
■ Overcurrent limitation
■ All pins ESD protected
Description
The L5957 contains a triple voltage regulator and
a power switch.
The IC includes a monitoring circuit for detection.
The IC features a very low quiescent current in
standby.
PowerSO20 (Slug up)
Multiwatt15 (Vertical)
Table 1.
Device summary
Order code
Package
Packing
L5957PD
PowerSO20 (slug up)
Tube
L5957PDTR
PowerSO20 (slug up)
Tape and reel
L5957
Multiwatt15 (Vertical)
Tube
www.st.com


Similar Part No. - L5957PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5957PD STMICROELECTRONICS-L5957PD Datasheet
224Kb / 16P
Multifunction voltage regulator for car radio
20-Sep-2013
L5957PDTR STMICROELECTRONICS-L5957PDTR Datasheet
224Kb / 16P
Multifunction voltage regulator for car radio
20-Sep-2013
More results

Similar Description - L5957PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com