| Electronic Components Datasheet Search |
|
N8044AH-R0117 Datasheet(PDF) 36 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
N8044AH-R0117 Datasheet(HTML) 36 Page - InnovASIC, Inc |
|
36 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 36 of 65 1-888-824-4184 ® Bit [3]—PT1 → (IP.3) Timer 1 interrupt priority bit Bit [2]—PX1 → (IP.2) External Interrupt 1 interrupt priority bit Bit [1]—PT0 → (IP.1) Timer 0 interrupt priority bit Bit [0]—PX0 → (IP.0) External Interrupt 0 interrupt priority bit 4.9.7 Interrupt Enable Register (IE) Table 30 presents the interrupt enable register, which contains the global interrupt enable bit and individual interrupt enable bits. Setting a bit enables the corresponding interrupt. Table 30. Interrupt Enable Register 7 6 5 4 3 2 1 0 EA – – ES ET1 EX1 ET0 EX0 Bit [7]—EA → (PCON.7) Enable all interrupts bit Bit [6]—(PCON.6) Bit [5]—(PCON.5) Bit [4]—ES → (PCON.4) SIU interrupt enable bit Bit [3]—ET1 → (PCON.3) Timer 1 interrupt enable bit Bit [2]—EX1→ (PCON.2) External Interrupt 1 interrupt enable bit Bit [1]—ET0→ (PCON.1) Timer 0 interrupt enable bit Bit [0]—EX0→ (PCON.7) External Interrupt 0 interrupt enable bit 4.10 SIU —Serial Interface Unit The SIU is a serial interface customized to support SDLC/HDLC protocol. As such, it supports Zero Bit insertion/deletion, flags automatic access recognition and a 16-bit CRC. The SIU has two modes of operation AUTO and FLEXIBLE. The AUTO mode uses a subset of the SDLC protocol implemented in hardware. This frees the CPU from having to respond to every frame but limits the frame types. In the FLEXIBLE mode every frame is under CPU control and therefore more options are available. The SIU is controlled by and communicates to the CPU by using several SFRs. Data transmitted by or received by the SIU is stored in the 192-byte internal RAM in blocks referred to as the transmit and receive buffers. The SIU can support operation in one of |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |