| Electronic Components Datasheet Search |
|
N8044AH-R0117 Datasheet(PDF) 41 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
N8044AH-R0117 Datasheet(HTML) 41 Page - InnovASIC, Inc |
|
41 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 41 of 65 1-888-824-4184 ® Table 38. Transmit Control Byte Register 7 6 5 4 3 2 1 0 TCB.7 TCB.6 TCB.5 TCB.4 TCB.3 TCB.2 TCB.1 TCB.0 4.10.9 Receive Buffer Start Address Register (RBS) Table 39 presents the Receive Buffer Start Address Register, which contains the address in internal RAM where the frame (starting with the I-field) being received is to be stored. The CPU should write RBS only when the SIU is not receiving a frame, RBE = 0. RBS is byte addressable. Table 39. Receive Buffer Start Address Register 7 6 5 4 3 2 1 0 RBS.7 RBS.6 RBS.5 RBS.4 RBS.3 RBS.2 RBS.1 RBS.0 4.10.10 Receive Buffer Length Register (RBL) Table 40 presents the Receive Buffer Length Register, which contains the length, in number of bytes, of the I-field storage area in internal RAM. RBL = 0 is valid (no I-field). The CPU should write RBL only when the SIU is not receiving a frame, RBE = 0. The receive buffer will not wrap around after address 191 (BFH). A buffer end is automatically generated when address 191 is reached. RBL is byte addressable. Table 40. Receive Buffer Length Register 7 6 5 4 3 2 1 0 RBL.7 RBL.6 RBL.5 RBL.4 RBL.3 RBL.2 RBL.1 RBL.0 4.10.11 Receive Field Length Register (RFL) Table 41 presents the Receive Field Length Register, which contains the length, in number of bytes, of the I-field of the frame received and stored in internal RAM. RFL = 0 is valid (no I-field). The CPU should access RFL only when the SIU is not receiving a frame, RBE = 0. RFL is loaded by the SIU. RFL is byte addressable. Table 41. Receive Field Length Register 7 6 5 4 3 2 1 0 RFL.7 RFL.6 RFL.5 RFL.4 RFL.3 RFL.2 RFL.1 RFL.0 4.10.12 Receive Control Byte Register (RCB) Table 42 presents the Receive Control Byte Register, which contains the control field of the frame received and stored in internal RAM. RCB is only readable by the CPU and the CPU should access RCB only when the SIU is not receiving a frame, RBE = 0. RCB is loaded by the SIU. RCB is byte addressable. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |