Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

N8044AH-R0117 Datasheet(PDF) 48 Page - InnovASIC, Inc

Part # N8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

N8044AH-R0117 Datasheet(HTML) 48 Page - InnovASIC, Inc

Back Button N8044AH-R0117 Datasheet HTML 44Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 45Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 46Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 47Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 48Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 49Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 50Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 51Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 52Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 48 of 65
1-888-824-4184
®
4.15.2 BYP
The BYP contains registers and controllers used to perform the manipulations required for SDLC
communications. The BYP registers may be accessed by the CPU (see Table 7, SFR Bit
Addressable Locations). The BYP contains the SIU state machine that controls transmission and
reception of frames.
4.16
Diagnostics
A diagnostic mode is included with the IA8044/IA8344 to allow testing of the SIU. Diagnostics
use port pins P3.0 and P3.1. Writing a ―0‖ to P3.1 enables the diagnostic mode. When P3.1 is
cleared, writing data to P3.0 has the effect of writing a serial data stream to the SIU. P3.0 is the
serial data and any write to Port 3 will clock SCLK. The transmit data may be monitored on P3.1
with any write to Port 3, again clocking SCLK. In the test mode P3.0 and P3.1 pins are placed in
the high impedance state (see Figure 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com