Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320VC33 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 43Page - Texas Instruments TMS320VC33 Datasheet HTML 44Page - Texas Instruments TMS320VC33 Datasheet HTML 45Page - Texas Instruments TMS320VC33 Datasheet HTML 46Page - Texas Instruments TMS320VC33 Datasheet HTML 47Page - Texas Instruments TMS320VC33 Datasheet HTML 48Page - Texas Instruments TMS320VC33 Datasheet HTML 49Page - Texas Instruments TMS320VC33 Datasheet HTML 50Page - Texas Instruments TMS320VC33 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
47
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
HOLD timing
HOLD is a synchronous input that can be asserted at any time during a clock cycle. If the specified timings are
met, the exact sequence shown in Figure 33 and Figure 34 occurs; otherwise, an additional delay of one clock
cycle is possible.
The table, “timing parameters for HOLD/HOLDA”, defines the timing parameters for the HOLD and HOLDA
signals. The NOHOLD bit of the primary-bus control register overrides the HOLD signal. When this bit is set,
the device comes out of hold and prevents future hold cycles.
Asserting HOLD prevents the processor from accessing the primary bus. Program execution continues until a
read from or a write to the primary bus is requested. In certain circumstances, the first write is pending, therefore,
allowing the processor to continue (internally) until a second external write is encountered.
Figure 33, Figure 34, and the accompanying timings are for a zero wait-state bus configuration. Since HOLD
is internally captured by the CPU on the H1 falling edge one cycle before the present cycle is terminated, the
minimum HOLD width for any bus configuration is, therefore, WTCNT+3. Also, HOLD should not be deasserted
before HOLDA has been active for at least one cycle.
timing requirements for HOLD/HOLDA (see Figure 33 and Figure 34)
VC33-120
VC33-150
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(HOLD-H1L)
Setup time, HOLD before H1 low
4
3
ns
tw(HOLD)
Pulse duration, HOLD low
3tc(H)
3tc(H)
ns
switching characteristics over recommended operating conditions for HOLD/HOLDA
(see Figure 33 and Figure 34)
PARAMETER
VC33-120
VC33-150
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tv(H1L-HOLDA)
Valid time, HOLDA after H1 low
--1
4
--1
3
ns
tw(HOLDA)
Pulse duration, HOLDA low
2tc(H) -- 4
2tc(H) -- 4
ns
td(H1L-SH)H
Delay time, H1 low to STRB high for a HOLD
--1
4
--1
3
ns
tdis(H1L-S)
Disable time, STRB to the high-impedance state from H1 low
5
4
ns
ten(H1L-S)
Enable time, STRB enabled (active) from H1 low
5
5
ns
tdis(H1L-RW)
Disable time, R/W to the high-impedance state from H1 low
5
4
ns
ten(H1L-RW)
Enable time, R/W enabled (active) from H1 low
5
5
ns
tdis(H1L-A)
Disable time, Address to the high-impedance state from H1 low
5
4
ns
ten(H1L-A)
Enable time, Address enabled (valid) from H1 low
5
5
ns
tdis(H1H-D)
Disable time, Data to the high-impedance state from H1 high
5
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com