Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320VC33 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 20Page - Texas Instruments TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments TMS320VC33 Datasheet HTML 23Page - Texas Instruments TMS320VC33 Datasheet HTML 24Page - Texas Instruments TMS320VC33 Datasheet HTML 25Page - Texas Instruments TMS320VC33 Datasheet HTML 26Page - Texas Instruments TMS320VC33 Datasheet HTML 27Page - Texas Instruments TMS320VC33 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
24
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
device and development support tool nomenclature (continued)
PREFIX
TMS
320
VC 33 PGE
TMX = experimental device
TMP = prototype device
TMS = qualified device
SMJ = MIL-PRF-38535
SM = High Rel (non-38535)
DEVICE FAMILY
320 = TMS320 Family
TECHNOLOGY
PACKAGE TYPE
N
= plastic DIP
J= ceramic DIP
JD
= ceramic DIP side-brazed
GB = ceramic PGA
FZ
= ceramic CC
FN = plastic leaded CC
FD = ceramic leadless CC
PJ
= 100-pin plastic EIAJ QFP
PZ
= 100-pin plastic LQFP
PBK = 128-pin plastic LQFP
PQ = 132-pin plastic bumpered QFP
PGE = 144-pin plastic LQFP
GGU = 144-pin MicroStar BGA™
PGF = 176-pin plastic LQFP
GGW= 176-pin MicroStar BGA
C= CMOS
E = CMOS EPROM
F = CMOS Flash EEPROM
LC = Low-Voltage CMOS (3.3 V)
VC= Low-Voltage CMOS [3 V (2.5 V
or 1.8 V core)]
UC= Ultra Low-Voltage CMOS [1.8 V
(1.5 V core)]
DEVICE
1x DSP = TMS320C1x DSP Generation
2x DSP = TMS320C2x DSP Generation
3x DSP = TMS320C3x DSP Generation
4x DSP = TMS320C4x DSP Generation
5x DSP = TMS320C5x DSP Generation
54x DSP = TMS320C54x DSP Generation
6x DSP = TMS320C6x DSP Generation
DIP = Dual-In-Line Package
PGA = Pin Grid Array
CC = Chip Carrier
QFP = Quad Flat Package
LQFP = Low-Profile Quad Flat Package
BGA = Ball Grid Array
120
SPEED
120 = 120 MFLOPS
150 = 150 MFLOPS
Figure 14. TMS320™ DSP Device Nomenclature
MicroStar BGA is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com