Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320VC33 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320VC33 Datasheet HTML 1Page - Texas Instruments TMS320VC33 Datasheet HTML 2Page - Texas Instruments TMS320VC33 Datasheet HTML 3Page - Texas Instruments TMS320VC33 Datasheet HTML 4Page - Texas Instruments TMS320VC33 Datasheet HTML 5Page - Texas Instruments TMS320VC33 Datasheet HTML 6Page - Texas Instruments TMS320VC33 Datasheet HTML 7Page - Texas Instruments TMS320VC33 Datasheet HTML 8Page - Texas Instruments TMS320VC33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
Terminal Assignments† (Numerical)
PIN
NUMBER
SIGNAL
NAME
PIN
NUMBER
SIGNAL
NAME
PIN
NUMBER
SIGNAL
NAME
PIN
NUMBER
SIGNAL
NAME
1
A20
37
DVDD
73
D15
109
CLKX0
2
VSS
38
H1
74
D14
110
FSX0
3
A19
39
H3
75
D13
111
DX0
4
A18
40
VSS
76
D12
112
VSS
5
A17
41
STRB
77
DVDD
113
TCLK1
6
DVDD
42
R/W
78
D11
114
TCLK0
7
A16
43
DVDD
79
D10
115
DVDD
8
A15
44
IACK
80
VSS
116
XF1
9
VSS
45
RDY
81
D9
117
XF0
10
A14
46
CVDD
82
D8
118
VSS
11
A13
47
HOLD
83
CVDD
119
INT3
12
CVDD
48
HOLDA
84
D7
120
INT2
13
A12
49
VSS
85
D6
121
INT1
14
A11
50
D31
86
DVDD
122
INT0
15
DVDD
51
D30
87
D5
123
CVDD
16
A10
52
D29
88
D4
124
EDGEMODE
17
A9
53
DVDD
89
VSS
125
MCBL/MP
18
VSS
54
D28
90
D3
126
VSS
19
A8
55
D27
91
D2
127
RESET
20
A7
56
VSS
92
D1
128
SHZ
21
A6
57
D26
93
D0
129
DVDD
22
A5
58
D25
94
DVDD
130
EXTCLK
23
DVDD
59
D24
95
EMU1
131
PLLVDD‡
24
A4
60
DVDD
96
EMU0
132
XOUT
25
VSS
61
D23
97
VSS
133
XIN
26
A3
62
D22
98
TCK
134
PLLVSS‡
27
A2
63
VSS
99
TDO
135
CLKMD1
28
CVDD
64
D21
100
TDI
136
CLKMD0
29
A1
65
D20
101
CVDD
137
CVDD
30
A0
66
CVDD
102
TMS
138
RSV1
31
DVDD
67
D19
103
TRST
139
RSV0
32
PAGE3
68
D18
104
DR0
140
VSS
33
PAGE2
69
DVDD
105
VSS
141
A23
34
VSS
70
D17
106
FSR0
142
A22
35
PAGE1
71
D16
107
CLKR0
143
DVDD
36
PAGE0
72
VSS
108
DVDD
144
A21
† DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for both the I/O pins and the core
CPU.
‡ PLLVDD and PLLVSS are isolated PLL supply pins that should be externally connected to CVDD and VSS, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com