Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB2M Datasheet(PDF) 4 Page - Formosa MS

Part # MB2M
Description  0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MB2M Datasheet(HTML) 4 Page - Formosa MS

  MB2M Datasheet HTML 1Page - Formosa MS MB2M Datasheet HTML 2Page - Formosa MS MB2M Datasheet HTML 3Page - Formosa MS MB2M Datasheet HTML 4Page - Formosa MS MB2M Datasheet HTML 5Page - Formosa MS MB2M Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
01
221
231
2567891
62






971
23


!"
#$
#$
#%
#%
#&
#&
#'
#'
#()
#()
*!%
,-./0911
23
2#
())
%')3'4
53'4
(
$)6
))) 5%$3(%53(75 55837%)3(55
%)6
)))
(74
)
*9:;9<= >#=
>#= ?
@=
#AB
?
CC=D
#AB
:9DAC
?
@=
:9DAC
9**DAB4
<DA E=?
<F
G!H
G"IH
GJ
H
GJ
H
G"IH
GJ
H
G"IH
KLM
NOPRPST
M
U
M
PL
V6786W9X
Y

Z
J
J
[[[4

II4
"J
=\Z
''&]$]$$&^&&&(
_9BZ
''&]$]$$&^&(%(
2"?
2
?
II2

D`
I2
 D`
I

*!4
a
b
b
c d
e e
]
fg,hijfkl
2 ]$%$(&5
$)($J
)(J
)$
]
9
&
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com