Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB2M Datasheet(PDF) 1 Page - Formosa MS

Part # MB2M
Description  0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MB2M Datasheet(HTML) 1 Page - Formosa MS

  MB2M Datasheet HTML 1Page - Formosa MS MB2M Datasheet HTML 2Page - Formosa MS MB2M Datasheet HTML 3Page - Formosa MS MB2M Datasheet HTML 4Page - Formosa MS MB2M Datasheet HTML 5Page - Formosa MS MB2M Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
12346
6
7
7
7
7
8
9
9
9




































































































12234


4














































































42
4

























































































2
2

3












































































2

32!"22
4


#4























































1

3
$
2












































































2
3


























































































%&4'2
3



















































































(334
4!
"42'$


4$

!4
3'44




























)
3"4

2&



*
42'2&




4


























































4"2
2!2
2














































































+,-
./02034
-
5
-
0,
67897:<=
<>?<@ABC<>DE<
F4G
F
G
4!F2
4
4#
4!F2
4
4#


1234
F(H7976
7I67J
I6J
I7
H
K
"

'L
J
J
MMM
$
2
J
%NL
OO H7H77 P 6
KQL
OO H7H77 P 696
深圳FMS
Kinter
131
6803
0058


Similar Part No. - MB2M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB2M GE-MB2M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2M MCC-MB2M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
MB2M YANGJIE-MB2M Datasheet
221Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Revers Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
TAITRON Components Inco...
MB2M TAITRON-MB2M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB2M GOOD-ARK-MB2M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
More results

Similar Description - MB2M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
KBP200 FORMOSA-KBP200 Datasheet
199Kb / 6P
2.0A Glass Passivated Single Phase Bridge Rectifiers -50-1000V
MB05S FORMOSA-MB05S Datasheet
213Kb / 7P
0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
logo
Taiwan Semiconductor Co...
GBU804-K TSC-GBU804-K Datasheet
187Kb / 4P
8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
MBS6-K TSC-MBS6-K Datasheet
208Kb / 4P
0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
MBS6-T TSC-MBS6-T Datasheet
208Kb / 4P
0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
MBS2 TSC-MBS2_16 Datasheet
198Kb / 4P
0.8A, 200V - 1000V Glass Passivated Bridge Rectifiers
logo
E-CMOS Corporation
ECCBRABS2-6 E-CMOS-ECCBRABS2-6 Datasheet
257Kb / 4P
1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
ECCBRABS2 E-CMOS-ECCBRABS2 Datasheet
294Kb / 5P
1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com