Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB2M Datasheet(PDF) 5 Page - Formosa MS

Part # MB2M
Description  0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MB2M Datasheet(HTML) 5 Page - Formosa MS

  MB2M Datasheet HTML 1Page - Formosa MS MB2M Datasheet HTML 2Page - Formosa MS MB2M Datasheet HTML 3Page - Formosa MS MB2M Datasheet HTML 4Page - Formosa MS MB2M Datasheet HTML 5Page - Formosa MS MB2M Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
01235
789
 
9

9
8






!
"
#$%#&1%&!
'#%
()*
++,-.-..,/,,,0
123
++,-.-..,/,040
5#'6%378
5
8
&&63951
3
:3;<
&3951
3 :3;<
&<
#7
0123!
=>>?@?A@B?CDEF
C
?EC
A?F
G>DH??
0!
*319"
$33
3%3$1
6$3$#"
<
M
3 1;3-&#M
93$<
72
N .N 4N ,N +N 0NN 0.N04N 0,N 0+N .NN ..N.4N
(<
%3IO3'L
N
.N
4N
,N
+N
0NN
0.N
04N
0,N
0+N
.NN
..N
.4N
.,N
.+N
0$331
P1Q2$19<
37.RK
&
031S
P1Q 3M
M

<
%35P1Q
K##M5# 7
P1Q2$19<
37
-4RK
&
O6223&
392$19<
37.RK
&#$
M
3&&
-
031S&#M
93$<
72
3%3$1
6$37#

#3Q'339.,NRK
TUVWXYTZ[
5O-.4.0,5
.N0.
N0
N.
-
2
,
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com