Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 229 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 229 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 225Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 226Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 227Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 228Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 229Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 230Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 231Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 232Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 229
PIC16(L)F1508/9
TABLE 21-3:
SUMMARY OF REGISTERS ASSOCIATED WITH I2C™ OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values on
Page:
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
78
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
—
TMR2IE
TMR1IE
79
PIE2
OSFIE
C2IE
C1IE
—
BCL1IE
NCO1IE
—
—
80
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
—
TMR2IF
TMR1IF
82
PIR2
OSFIF
C2IF
C1IF
—
BCL1IF
NCO1IF
—
—
83
TRISA
—
—
TRISA5
TRISA4
—(1)
TRISA2
TRISA1
TRISA0
114
SSP1ADD
ADD<7:0>
235
SSP1BUF
MSSP Receive Buffer/Transmit Register
187*
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
232
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
233
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
234
SSP1MSK
MSK<7:0>
235
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
231
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by the MSSP module in I2C™ mode.
*
Page provides register information.
Note 1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com