Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 20Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 21Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 22Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 23Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 24Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 25Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 26Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 27Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 384 page
background image
TABLE 3-4:
PIC16(L)F1509 MEMORY MAP, BANK 1-7
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
000h
Core Registers
(Table 3-2)
080h
Core Registers
(Table 3-2)
100h
Core Registers
(Table 3-2)
180h
Core Registers
(Table 3-2)
200h
Core Registers
(Table 3-2)
280h
Core Registers
(Table 3-2)
300h
Core Registers
(Table 3-2)
380h
Core Registers
(Table 3-2)
00Bh
08Bh
10Bh
18Bh
20Bh
28Bh
30Bh
38Bh
00Ch
PORTA
08Ch
TRISA
10Ch
LATA
18Ch
ANSELA
20Ch
WPUA
28Ch
—
30Ch
—
38Ch
—
00Dh
PORTB
08Dh
TRISB
10Dh
LATB
18Dh
ANSELB
20Dh
WPUB
28Dh
—
30Dh
—
38Dh
—
00Eh
PORTC
08Eh
TRISC
10Eh
LATC
18Eh
ANSELC
20Eh
—28Eh
—30Eh
—38Eh
—
00Fh
—08Fh
—10Fh
—18Fh
—20Fh
—28Fh
—30Fh
—38Fh
—
010h
—090h
—110h
—190h
—210h
—290h
—
310h
—
390h
—
011h
PIR1
091h
PIE1
111h
CM1CON0
191h
PMADRL
211h
SSP1BUF
291h
—
311h
—
391h
IOCAP
012h
PIR2
092h
PIE2
112h
CM1CON1
192h
PMADRH
212h
SSP1ADD
292h
—
312h
—
392h
IOCAN
013h
PIR3
093h
PIE3
113h
CM2CON0
193h
PMDATL
213h
SSP1MSK
293h
—
313h
—
393h
IOCAF
014h
—094h
—
114h
CM2CON1
194h
PMDATH
214h
SSP1STAT
294h
—
314h
—
394h
IOCBP
015h
TMR0
095h
OPTION_REG
115h
CMOUT
195h
PMCON1
215h
SSP1CON1
295h
—
315h
—
395h
IOCBN
016h
TMR1L
096h
PCON
116h
BORCON
196h
PMCON2
216h
SSP1CON2
296h
—
316h
—
396h
IOCBF
017h
TMR1H
097h
WDTCON
117h
FVRCON
197h
VREGCON
217h
SSP1CON3
297h
—
317h
—
397h
—
018h
T1CON
098h
—118h
DACCON0
198h
—218h
—
298h
—
318h
—
398h
—
019h
T1GCON
099h
OSCCON
119h
DACCON1
199h
RCREG
219h
—299h
—
319h
—
399h
—
01Ah
TMR2
09Ah
OSCSTAT
11Ah
—19Ah
TXREG
21Ah
—29Ah
—31Ah
—39Ah
—
01Bh
PR2
09BhADRESL11Bh
—19Bh
SPBRG
21Bh
—29Bh
—31Bh
—
39Bh
—
01Ch
T2CON
09Ch
ADRESH
11Ch
—
19Ch
SPBRGH
21Ch
—
29Ch
—
31Ch
—
39Ch
—
01Dh
—
09Dh
ADCON0
11Dh
APFCON
19Dh
RCSTA
21Dh
—
29Dh
—
31Dh
—
39Dh
—
01Eh
—
09Eh
ADCON1
11Eh
—
19Eh
TXSTA
21Eh
—
29Eh
—
31Eh
—
39Eh
—
01Fh
—
09Fh
ADCON2
11Fh
—19Fh
BAUDCON
21Fh
—
29Fh
—
31Fh
—
39Fh
—
020h
General
Purpose
Register
80 Bytes
0A0h
General
Purpose
Register
80 Bytes
120h
General
Purpose
Register
80 Bytes
1A0h
General
Purpose
Register
80 Bytes
220h
General
Purpose
Register
80 Bytes
2A0h
General
Purpose
Register
80 Bytes
320h General Purpose
Register
16Bytes
3A0h
Unimplemented
Read as ‘0’
Unimplemented
Read as ‘0’
0EFh
06Fh
16Fh
1EFh
26Fh
2EFh
36Fh
3EFh
070h
Common RAM
0F0h
Common RAM
(Accesses
70h – 7Fh)
170h
Common RAM
(Accesses
70h – 7Fh)
1F0h
Common RAM
(Accesses
70h – 7Fh)
270h
Common RAM
(Accesses
70h – 7Fh)
2F0h
Common RAM
(Accesses
70h – 7Fh)
370h
Common RAM
(Accesses
70h – 7Fh)
3F0h
Common RAM
(Accesses
70h – 7Fh)
07Fh
0FFh
17Fh
1FFh
27Fh
2FFh
37Fh
3FFh
Legend:
= Unimplemented data memory locations, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com