Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 28Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 29Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 30Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 31Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 32Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 33Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 34Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 35Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 384 page
background image
PIC16(L)F1508/9
DS41609A-page 32
Preliminary
 2011 Microchip Technology Inc.
Bank 10
50Ch
to
51Fh
—
Unimplemented
—
—
Bank 11
58Ch
to
59Fh
—
Unimplemented
—
—
Bank 12
60Ch
to
610h
—
Unimplemented
—
—
611h
PWM1DCL
PWM1DCL<7:6>
—
—
—
—
—
—
00-- ---- 00-- ----
612h
PWM1DCH
PWM1DCH<7:0>
xxxx xxxx uuuu uuuu
613h
PWM1CON0
PWM1EN
PWM1OE PWM1OUT PWM1POL
—
—
—
—
0000 ---- 0000 ----
614h
PWM2DCL
PWM2DCL<7:6>
—
—
—
—
—
—
00-- ---- 00-- ----
615h
PWM2DCH
PWM2DCH<7:0>
xxxx xxxx uuuu uuuu
616h
PWM2CON0
PWM2EN
PWM2OE PWM2OUT PWM2POL
—
—
—
—
0000 ---- 0000 ----
617h
PWM3DCL
PWM3DCL<7:6>
—
—
—
—
—
—
00-- ---- 00-- ----
618h
PWM3DCH
PWM3DCH<7:0>
xxxx xxxx uuuu uuuu
619h
PWM3CON0
PWM3EN
PWM3OE PWM3OUT PWM3POL
—
—
—
—
0000 ---- 0000 ----
61Ah
PWM4DCL
PWM4DCL<7:6>
—
—
—
—
—
—
00-- ---- 00-- ----
61Bh
PWM4DCH
PWM4DCH<7:0>
xxxx xxxx uuuu uuuu
61Ch
PWM4CON0
PWM4EN
PWM4OE PWM4OUT PWM4POL
—
—
—
—
0000 ---- 0000 ----
61Dh
to
61Fh
—
Unimplemented
—
—
Bank 13
68Ch
to
690h
—
Unimplemented
—
—
691h
CWG1DBR
—
—CWG1DBR<5:0>
--00 0000 --00 0000
692h
CWG1DBF
—
—CWG1DBF<5:0>
--xx xxxx --xx xxxx
693h
CWG1CON0
G1EN
G1OEB
G1OEA
G1POLB
G1POLA
—
—G1CS0
0000 0--0 0000 0--0
694h
CWG1CON1
G1ASDLB<1:0>
G1ASDLA<1:0>
—
G1IS<2:0>
0000 -000 0000 -000
695h
CWG1CON2
G1ASE
G1ARSEN
—
—
G1ASDC2
G1ASDC1 G1ASDSFLT G1ASDSCLC2 00-- --00 00-- --00
696h
to
69Fh
—
Unimplemented
—
—
TABLE 3-9:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1508/9 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com