Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 27Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 28Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 29Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 30Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 31Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 32Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 33Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 34Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 31
PIC16(L)F1508/9
Bank 4
20Ch
WPUA
—
—
WPUA5
WPUA4
WPUA3
WPUA2
WPUA1
WPUA0
--11 1111 --11 1111
20Dh
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
—
—
—
—
1111 ---- 1111 ----
20Eh
to
210h
—
Unimplemented
—
—
211h
SSP1BUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx uuuu uuuu
212h
SSP1ADD
ADD<7:0>
0000 0000 0000 0000
213h
SSP1MSK
MSK<7:0>
1111 1111 1111 1111
214h
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000 0000 0000
215h
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000 0000 0000
216h
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000 0000 0000
217h
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000 0000 0000
218h
to
21Fh
—
Unimplemented
—
—
Bank 5
28Ch
to
29Fh
—
Unimplemented
—
—
Bank 6
30Ch
to
31Fh
—
Unimplemented
—
—
Bank 7
38Ch
to
390h
—
Unimplemented
—
—
391h
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
--00 0000 --00 0000
392h
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
--00 0000 --00 0000
393h
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
--00 0000 --00 0000
394h
IOCBP
IOCBP7
IOCBP6
IOCBP5
IOCBP4
—
—
—
—
0000 ---- 0000 ----
395h
IOCBN
IOCBN7
IOCBN6
IOCBN5
IOCBN4
—
—
—
—
0000 ---- 0000 ----
396h
IOCBF
IOCBF7
IOCBF6
IOCBF5
IOCBF4
—
—
—
—
0000 ---- 0000 ----
397h
to
39Fh
—
Unimplemented
—
—
Bank 8
40Ch
to
41Fh
—
Unimplemented
—
—
Bank 9
48Ch
to
497h
—
Unimplemented
—
—
498h
NCO1ACCL
NCO1ACC<7:0>
0000 0000 0000 0000
499h
NCO1ACCH
NCO1ACC<15:8>
0000 0000 0000 0000
49Ah
NCO1ACCU
NCO1ACC<19:16>
0000 0000 0000 0000
49Bh
NCO1INCL
NCO1INC<7:0>
0000 0000 0000 0000
49Ch
NCO1INCH
NCO1INC<15:8>
0000 0000 0000 0000
49Dh
—
Unimplemented
—
—
49Eh
NCO1CON
N1EN
N1OE
N1OUT
N1POL
—
—
—N1PFM
0000 ---0 0000 ---0
49Fh
NCO1CLK
N1PWS<2:0>
—
—
—N1CKS<1:0>
0000 --00 0000 --00
TABLE 3-9:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1508/9 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com