Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 273 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 273 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 269Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 270Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 271Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 272Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 273Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 274Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 275Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 276Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 273
PIC16(L)F1508/9
24.1.2
DATA GATING
Outputs from the input multiplexers are directed to the
desired logic function input through the data gating
stage. Each data gate can direct any combination of the
four selected inputs.
The gate stage is more than just signal direction. The
gate can be configured to direct each input signal as
inverted or non-inverted data. Directed signals are
ANDed together in each gate. The output of each gate
can be inverted before going on to the logic function
stage.
The
gating
is
in
essence
a
1-to-4
input
AND/NAND/OR/NOR gate. When every input is
inverted and the output is inverted, the gate is an OR of
all enabled data inputs. When the inputs and output are
not inverted, the gate is an AND or all enabled inputs.
Table 24-2 summarizes the basic logic that can be
obtained in gate 1 by using the gate logic select bits.
The table shows the logic of four input variables, but
each gate can be configured to use less than four. If
no inputs are selected, the output will be zero or one,
depending on the gate output polarity bit.
It is possible (but not recommended) to select both the
true and negated values of an input. When this is done,
the gate output is zero, regardless of the other inputs,
but may emit logic glitches (transient-induced pulses).
If the output of the channel must be zero or one, the
recommended method is to set all gate bits to zero and
use the gate polarity bit to set the desired level.
Data gating is configured with the logic gate select reg-
isters as follows:
• Gate 1: CLCxGLS0 (Register 24-5)
• Gate 2: CLCxGLS1 (Register 24-6)
• Gate 3: CLCxGLS2 (Register 24-7)
• Gate 4: CLCxGLS3 (Register 24-8)
Register number suffixes are different than the gate
numbers because other variations of this module have
multiple gate selections in the same register.
Data gating is indicated in the right side of Figure 24-2.
Only one gate is shown in detail. The remaining three
gates are configured identically with the exception that
the data enables correspond to the enables for that
gate.
24.1.3
LOGIC FUNCTION
There are 8 available logic functions including:
• AND-OR
•OR-XOR
•AND
• S-R Latch
• D Flip-Flop with Set and Reset
• D Flip-Flop with Reset
• J-K Flip-Flop with Reset
• Transparent Latch with Set and Reset
Logic functions are shown in Figure 24-3. Each logic
function has four inputs and one output. The four inputs
are the four data gate outputs of the previous stage.
The output is fed to the inversion stage and from there
to other peripherals, an output pin, and back to the
CLCx itself.
24.1.4
OUTPUT POLARITY
The last stage in the configurable logic cell is the output
polarity. Setting the LCxPOL bit of the CLCxCON reg-
ister inverts the output signal from the logic stage.
Changing the polarity while the interrupts are enabled
will cause an interrupt for the resulting output transition.
Note:
Data gating is undefined at power-up.
TABLE 24-2:
DATA GATING LOGIC
CLCxGLS0
LCxG1POL
Gate Logic
0x55
1
AND
0x55
0
NAND
0xAA
1
NOR
0xAA
0
OR
0x00
0
Logic 0
0x00
1
Logic 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com