Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 308 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 308 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 304Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 305Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 306Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 307Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 308Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 309Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 310Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 311Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 384 page
background image
PIC16(L)F1508/9
DS41609A-page 308
Preliminary
 2011 Microchip Technology Inc.
REGISTER 26-2:
CWGxCON1: CWG CONTROL REGISTER 1
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
U-0
R/W-0/0
R/W-0/0
R/W-0/0
GxASDLB<1:0>
GxASDLA<1:0>
—
GxIS<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7-6
GxASDLB<1:0>:
CWGx Shutdown State for CWGxB
When an auto shutdown event is present (GxASE = 1):
11 = CWGxB pin is driven to ‘1’, regardless of the setting of the GxPOLB bit.
10 = CWGxB pin is driven to ‘0’, regardless of the setting of the GxPOLB bit.
01 = CWGxB pin is tri-stated
00 = CWGxB pin is driven to it’s inactive state after the selected dead-band interval. GxPOLB still will
control the polarity of the output.
bit 5-4
GxASDLA<1:0>:
CWGx Shutdown State for CWGxA
When an auto shutdown event is present (GxASE = 1):
11 = CWGxA pin is driven to ‘1’, regardless of the setting of the GxPOLA bit.
10 = CWGxA pin is driven to ‘0’, regardless of the setting of the GxPOLA bit.
01 = CWGxA pin is tri-stated
00 = CWGxA pin is driven to it’s inactive state after the selected dead-band interval. GxPOLA still will
control the polarity of the output.
bit 3
Unimplemented:
Read as ‘0’
bit 2-0
GxIS<2:0>:
CWGx Input Source Select bits
111 =LC1OUT
110 = NCO1OUT
101 =PWM4OUT
100 =PWM3OUT
011 =PWM2OUT
010 =PWM1OUT
001 = async_C1OUT
000 = async_C2OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com