Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 333 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 333 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 329Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 330Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 331Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 332Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 333Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 334Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 335Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 336Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 333
PIC16(L)F1508/9
29.2
DC Characteristics: PIC16(L)F1508/9-I/E (Industrial, Extended)
PIC16LF1508/9
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1508/9
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
Supply Current (IDD)(1, 2)
D010
—
2
10
A1.8
FOSC = 32 kHz LP Oscillator mode
—4
12
A3.0
D010
—
16
50
A
2.3
FOSC = 32 kHz LP Oscillator mode
—
16
55
A
3.0
—
19
60
A
5.0
D011
—
40
110
A1.8
FOSC = 1 MHz XT Oscillator mode
—
80
170
A3.0
D011
—
110
200
A
2.3
FOSC = 1 MHz XT Oscillator mode
—
130
250
A
3.0
—
160
340
A
5.0
D012
—
120
290
A1.8
FOSC = 4 MHz XT Oscillator mode
—
220
480
A3.0
D012
—
230
300
A
2.3
FOSC = 4 MHz XT Oscillator mode
—
300
500
A
3.0
—
350
700
A
5.0
D013
—
30
140
A1.8
FOSC = 1 MHz
EC Oscillator mode, Medium-power mode
—
50
230
A3.0
D013
—
70
180
A
2.3
FOSC = 1 MHz
EC Oscillator mode
Medium-power mode
—
85
240
A
3.0
—
115
320
A
5.0
D014
—
100
250
A2.3
FOSC = 4 MHz
EC Oscillator mode,
Medium-power mode
—
180
430
A3.0
D014
—
160
275
A
2.3
FOSC = 4 MHz
EC Oscillator mode
Medium-power mode
—
210
450
A
3.0
—
240
500
A
5.0
D015
—
2.3
58
A1.8
FOSC = 31 kHz
LFINTOSC mode
—
4.0
300
A3.0
D015
—
14
100
A
2.3
FOSC = 31 kHz
LFINTOSC mode
—
15
280
A
3.0
—
17
400
A
5.0
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: CLKIN = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be extended
by the formula IR = VDD/2REXT (mA) with REXT in k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com