Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 127Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 128Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 129Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 130Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 131Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 132Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 133Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 134Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 131
PIC16(L)F1508/9
13.0 FIXED VOLTAGE REFERENCE
(FVR)
The Fixed Voltage Reference, or FVR, is a stable
voltage reference, independent of VDD, with 1.024V,
2.048V or 4.096V selectable output levels. The output
of the FVR can be configured to supply a reference
voltage to the following:
• ADC input channel
• Comparator positive input
• Comparator negative input
The FVR can be enabled by setting the FVREN bit of
the FVRCON register.
13.1
Independent Gain Amplifier
The output of the FVR supplied to the ADC and
Comparators is routed through a programmable gain
amplifier. Each amplifier can be programmed for a gain
of 1x, 2x or 4x, to produce the three possible voltage
levels.
The ADFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the ADC module. Refer-
ence Section 15.0 “Analog-to-Digital Converter
(ADC) Module”
for additional information.
The CDAFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the comparator modules.
Reference Section 17.0 “Comparator Module” for
additional information.
13.2
FVR Stabilization Period
When the Fixed Voltage Reference module is enabled, it
requires time for the reference and amplifier circuits to
stabilize. Once the circuits stabilize and are ready for use,
the FVRRDY bit of the FVRCON register will be set. See
Section 29.0 “Electrical Specifications”
for the
minimum delay requirement.
FIGURE 13-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
ADFVR<1:0>
CDAFVR<1:0>
X
1
X
2
X
4
X
1
X
2
X
4
2
2
FVR BUFFER1
(To ADC Module)
FVR BUFFER2
(To Comparators)
+
_
FVREN
FVRRDY
Any peripheral requiring the
Fixed Reference
(See Table 13-1)
TABLE 13-1:
PERIPHERALS REQUIRING THE FIXED VOLTAGE REFERENCE (FVR)
Peripheral
Conditions
Description
HFINTOSC
FOSC<2:0> = 010 and
IRCF<3:0> = 000x
INTOSC is active and device is not in Sleep.
BOR
BOREN<1:0> = 11
BOR always enabled.
BOREN<1:0> = 10 and BORFS = 1
BOR disabled in Sleep mode, BOR Fast Start enabled.
BOREN<1:0> = 01 and BORFS = 1
BOR under software control, BOR Fast Start enabled.
LDO
All PIC16F1508/9 devices, when
VREGPM = 1 and not in Sleep
The device runs off of the Low-Power Regulator when in
Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com