Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 157Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 158Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 159Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 160Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 161Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 162Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 163Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 164Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 161
PIC16(L)F1508/9
TABLE 17-2:
SUMMARY OF REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
—
ANSA4
—
ANSA2
ANSA1
ANSA0
115
ANSELC
ANSC7
ANSC6
—
—
ANSC3
ANSC2
ANSC1
ANSC0
123
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
159
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
159
CM1CON1
C1NTP
C1INTN
C1PCH<1:0>
—
C1NCH<2:0>
160
CM2CON1
C2NTP
C2INTN
C2PCH<1:0>
—
C2NCH<2:0>
160
CMOUT
—
—
—
—
—
—
MC2OUT
MC1OUT
160
DACCON0
DACEN
—
DACOE1
DACOE2
—DACPSS
—
—
152
DACCON1
—
—
—
DACR<4:0>
152
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
CDAFVR<1:0>
ADFVR<1:0>
132
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
78
PIE2
OSFIE
C2IE
C1IE
—
BCL1IE
NCO1IE
—
—
80
PIR2
OSFIF
C2IF
C1IF
—
BCL1IF
NCO1IF
—
—
83
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
114
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
122
LATA
—
—
LATA5
LATA4
—
LATA2
LATA1
LATA0
115
LATC
LATC7
LATC6
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
122
TRISA
—
—
TRISA5
TRISA4
—(1)
TRISA2
TRISA1
TRISA0
114
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
122
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are unused by the comparator module.
Note 1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com