Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 183Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 184Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 185Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 186Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 187Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 188Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 189Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 190Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 187
PIC16(L)F1508/9
FIGURE 21-4:
SPI MASTER AND MULTIPLE SLAVE CONNECTION
21.2.1
SPI MODE REGISTERS
The MSSP module has five registers for SPI mode
operation. These are:
• MSSP STATUS register (SSPxSTAT)
• MSSP Control Register 1 (SSPxCON1)
• MSSP Control Register 3 (SSPxCON3)
• MSSP Data Buffer register (SSPxBUF)
• MSSP Address register (SSPxADD)
• MSSP Shift register (SSPxSR)
(Not directly accessible)
SSPxCON1 and SSPxSTAT are the control and
STATUS registers in SPI mode operation. The
SSPxCON1 register is readable and writable. The
lower 6 bits of the SSPxSTAT are read-only. The
upper two bits of the SSPxSTAT are read/write.
In SPI master mode, SSPxADD can be loaded with a
value used in the Baud Rate Generator. More informa-
tion on the Baud Rate Generator is available in
Section 21.7 “Baud Rate Generator”
.
SSPxSR is the shift register used for shifting data in
and out. SSPxBUF provides indirect access to the
SSPxSR register. SSPxBUF is the buffer register to
which data bytes are written, and from which data
bytes are read.
In receive operations, SSPxSR and SSPxBUF
together create a buffered receiver. When SSPxSR
receives a complete byte, it is transferred to SSPxBUF
and the SSPxIF interrupt is set.
During transmission, the SSPxBUF is not buffered. A
write to SSPxBUF will write to both SSPxBUF and
SSPxSR.
SPI Master
SCKx
SDOx
SDIx
General I/O
General I/O
General I/O
SCKx
SDIx
SDOx
SSx
SPI Slave
#1
SCKx
SDIx
SDOx
SSx
SPI Slave
#2
SCKx
SDIx
SDOx
SSx
SPI Slave
#3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com