Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F1508TESSQTO Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC16F1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 189Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 190Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 191Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 192Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 193Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 194Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 195Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 196Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 193
PIC16(L)F1508/9
21.2.6
SPI OPERATION IN SLEEP MODE
In SPI Master mode, module clocks may be operating
at a different speed than when in Full-Power mode; in
the case of the Sleep mode, all clocks are halted.
Special care must be taken by the user when the MSSP
clock is much faster than the system clock.
In Slave mode, when MSSP interrupts are enabled,
after the master completes sending data, an MSSP
interrupt will wake the controller from Sleep.
If an exit from Sleep mode is not desired, MSSP inter-
rupts should be disabled.
In SPI Master mode, when the Sleep mode is selected,
all module clocks are halted and the transmis-
sion/reception will remain in that state until the device
wakes. After the device returns to Run mode, the mod-
ule will resume transmitting and receiving data.
In SPI Slave mode, the SPI Transmit/Receive Shift
register operates asynchronously to the device. This
allows the device to be placed in Sleep mode and data
to be shifted into the SPI Transmit/Receive Shift
register. When all 8 bits have been received, the MSSP
interrupt flag bit will be set and if enabled, will wake the
device.
TABLE 21-1:
SUMMARY OF REGISTERS ASSOCIATED WITH SPI OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
—
ANSA4
—
ANSA2
ANSA1
ANSA0
115
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
78
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
—
TMR2IE
TMR1IE
79
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
—
TMR2IF
TMR1IF
82
SSP1BUF
Synchronous Serial Port Receive Buffer/Transmit Register
187*
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
232
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
234
SSP1STAT
SMP
CKE
D/A
P
S
R/W
UA
BF
231
TRISA
—
—
TRISA5
TRISA4
—(1)
TRISA2
TRISA1
TRISA0
114
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
122
Legend:
— = Unimplemented location, read as ‘0’. Shaded cells are not used by the MSSP in SPI mode.
*
Page provides register information.
Note 1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com